Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N9923A-308 Datasheet(PDF) 4 Page - Keysight Technologies

Part No. N9923A-308
Description  Vector Network Analyzer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N9923A-308 Datasheet(HTML) 4 Page - Keysight Technologies

  N9923A-308 Datasheet HTML 1Page - Keysight Technologies N9923A-308 Datasheet HTML 2Page - Keysight Technologies N9923A-308 Datasheet HTML 3Page - Keysight Technologies N9923A-308 Datasheet HTML 4Page - Keysight Technologies N9923A-308 Datasheet HTML 5Page - Keysight Technologies N9923A-308 Datasheet HTML 6Page - Keysight Technologies N9923A-308 Datasheet HTML 7Page - Keysight Technologies N9923A-308 Datasheet HTML 8Page - Keysight Technologies N9923A-308 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Description
Information
Display range
Log magnitude S11 or S22
-1000 to 1000 dB
Log magnitude S21 or S12
-1000 to 1000 dB
Log magnitude resolution
0.01 dB
Phase
-180 to +180 degrees
Phase resolution
0.01 degrees
VSWR
1.01 to 1000
VSWR resolution
0.01
Averaging
2 to 999
Two methods: sweep and point averaging
Number of traces
Four traces available. Tr1, Tr2, Tr3, Tr4
Data markers
Each trace has six independent markers that can be displayed simultaneously. Delta markers are available for
each marker.
Marker formats
Default marker format is the trace format. In Smith chart or polar format,
[Real +Imag] or [Mag and Phase] formats are also available.
Marker functions
Peak, Next Peak, Peak Left, Peak Right, Mkr→ Center, Min Search, Peak Excursion, Peak Threshold, Target,
Bandwidth, Tracking
Sweep type
Linear
Sweep time
Set sweep time in seconds
Sweep trigger
Continuous, single
Display formats
Single-trace
Dual-trace overlay (both traces on one graticule)
Dual-trace split (each trace on separate graticules)
Three-trace split (each trace on separate graticules)
Quad-trace split (each trace on separate graticules)
Display data
Display data, memory, data and memory, or data math
Trace math
Vector division or subtraction of current linear measurement values and memory data.
Scale
Autoscale, scale, reference level, reference position
Autoscale: Automatically selects scale resolution and reference value to center the trace. Autoscale all scales
all visible traces.
Title
Add custom titles to the display.
Limit lines
Define test limit lines that appear on the display for go/no go testing. Lines may be any combination of hori-
zontal, sloping lines, or discrete data points. Each trace can have its own limit line. Limit lines can be fixed or
relative, and can be built from existing traces.
Calibration Types
CalReady
Each FieldFox is calibrated at the test port.
Frequency response
Simultaneous magnitude and phase correction of frequency response errors for either reflection or transmis-
sion measurements.
Enhanced response
Corrects for frequency response and source match for transmission measurements, and corrects for reflec-
tion frequency response, directivity and source match errors for reflection measurements.
1-port calibration
Corrects for directivity, frequency response, and source match errors.
FieldFox RF Vector Network Analyzer (continued)
4 | Keysight | N9923A FieldFox RF Vector Network Analyzer - Data Sheet


Similar Part No. - N9923A-308

ManufacturerPart No.DatasheetDescription
Keysight Technologies
Keysight Technologies
N9923A-330 KEYSIGHT-N9923A-330 Datasheet
2Mb / 18P
   N9923A FieldFox RF
More results

Similar Description - N9923A-308

ManufacturerPart No.DatasheetDescription
Keysight Technologies
Keysight Technologies
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
   Vector Network Analyzer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
N9923A KEYSIGHT-N9923A Datasheet
2Mb / 18P
   N9923A FieldFox RF Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
National Instruments Corporation
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
TEKTRONIX, INC.
TEKTRONIX, INC.
TTR500 TEKTRONIX-TTR500 Datasheet
849Kb / 16P
   Vector Network Analyzers
Keysight Technologies
Keysight Technologies
E5061B KEYSIGHT-E5061B Datasheet
3Mb / 35P
   Network Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz