Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N9923A-308 Datasheet(PDF) 3 Page - Keysight Technologies

Part No. N9923A-308
Description  Vector Network Analyzer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N9923A-308 Datasheet(HTML) 3 Page - Keysight Technologies

  N9923A-308 Datasheet HTML 1Page - Keysight Technologies N9923A-308 Datasheet HTML 2Page - Keysight Technologies N9923A-308 Datasheet HTML 3Page - Keysight Technologies N9923A-308 Datasheet HTML 4Page - Keysight Technologies N9923A-308 Datasheet HTML 5Page - Keysight Technologies N9923A-308 Datasheet HTML 6Page - Keysight Technologies N9923A-308 Datasheet HTML 7Page - Keysight Technologies N9923A-308 Datasheet HTML 8Page - Keysight Technologies N9923A-308 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
FieldFox RF Vector Network Analyzer
Description
Specification
Supplemental Information
Frequency range
2 MHz to 4 GHz
Option 104
2 MHz to 6 GHz
Option 106
Frequency reference
Accuracy
±2 ppm
Aging rate
±1 ppm/yr
Temperature stability
±1 ppm over -10 to 55 ºC
Frequency resolution
1 Hz < 3.2 GHz
1.2 Hz > 3.2 GHz
Data points
101, 201, 401, 601, 801, 1001, 1601, 4001, 10,001 (custom number of points can be set using SCPI)
Measurements
S11, S21 magnitude and phase
S22, S12 magnitude and phase (Option 122)
Formats
Log magnitude, linear magnitude, VSWR, phase, Smith chart, polar, group
delay, unwrapped phase, real, imaginary
Directivity
Corrected, with full two-port
calibration, N9910X-800 calibration
kit (Option 122)
42 dB
Corrected with QuickCal (Option 112)
38 dB (typical)
System impedance
50Ω (nominal)
75Ω with appropriate adapter and
calibration kit
System dynamic range1 (IF bandwidth = 300 Hz)
2 MHz to 6 GHz
90 dB
100 dB (typical)
Receiver dynamic range2 (IF bandwidth = 300 Hz)
2 MHz to 6 GHz
104 dB (typical)
Receiver compression level at 0.1 dB compression
+10 dBm (typical)
Test port output power
High
+5 dBm (nominal)
Low
-40 dBm (nominal)
Manual
Power settable in 1 dB steps
Test port 1 or 2 damage level
2 MHz to 6 GHz
+23 dBm
Trace noise (high output power, IF bandwidth = 300 Hz)
Magnitude
< 3 GHz, 0.008 dB rms (typical)
> 3 GHz, 0.01 dB rms (typical)
Temperature stability
Stability magnitude
0.01 dB/ºC at 23 ºC ±5 ºC (typical)
IF bandwidths
300 Hz, 1 kHz, 3 kHz, 10 kHz, 30 kHz
1.
System dynamic range = source maximum output power - receiver noise floor
2.
Receiver dynamic range = receiver maximum input level - receiver noise floor
3 | Keysight | N9923A FieldFox RF Vector Network Analyzer - Data Sheet


Similar Part No. - N9923A-308

ManufacturerPart No.DatasheetDescription
Keysight Technologies
Keysight Technologies
N9923A-330 KEYSIGHT-N9923A-330 Datasheet
2Mb / 18P
   N9923A FieldFox RF
More results

Similar Description - N9923A-308

ManufacturerPart No.DatasheetDescription
Keysight Technologies
Keysight Technologies
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
   Vector Network Analyzer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
N9923A KEYSIGHT-N9923A Datasheet
2Mb / 18P
   N9923A FieldFox RF Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
National Instruments Corporation
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
TEKTRONIX, INC.
TEKTRONIX, INC.
TTR500 TEKTRONIX-TTR500 Datasheet
849Kb / 16P
   Vector Network Analyzers
Keysight Technologies
Keysight Technologies
E5061B KEYSIGHT-E5061B Datasheet
3Mb / 35P
   Network Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz