Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HDF942ES6 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part No. HDF942ES6
Description  This specification shall cover the characteristics of SAW filter With HDF942E used for the page
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHOULDER [Shoulder Electronics Limited.]
Homepage  http://www.shoulder.cn/
Logo 

HDF942ES6 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SAW FILTER
HDF942E
SMD-6
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 3 of 8
1. SCOPE
This specification shall cover the characteristics of SAW filter With HDF942E used for the page
system.
2. ELECTRICAL SPECIFICATION
DC Voltage VDC
10V
AC Voltage Vpp
10V50Hz/60Hz
Operation temperature
-40℃ to +85℃
Storage temperature
-45℃ to +85℃
Electronic Characteristics
2-1.Typical frequency response
2-2.Electrical characteristics
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
942.5
-
Insertion Loss (In Fc +/- 17.5 MHz)
dB
2.5
3.5
Amplitude Ripple (In Fc +/- 17.5 MHz)
dB
1.5
2.0
Relative Attenuation
800MHz ~ 900MHz
980 MHz ~ 1050MHz
dB
40
40
45
45
-
Input/Output Impedance
Ohms
50


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn