Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3024-KT Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # SI3024-KT
Description  3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI3024-KT Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button SI3024-KT Datasheet HTML 18Page - List of Unclassifed Manufacturers SI3024-KT Datasheet HTML 19Page - List of Unclassifed Manufacturers SI3024-KT Datasheet HTML 20Page - List of Unclassifed Manufacturers SI3024-KT Datasheet HTML 21Page - List of Unclassifed Manufacturers SI3024-KT Datasheet HTML 22Page - List of Unclassifed Manufacturers SI3024-KT Datasheet HTML 23Page - List of Unclassifed Manufacturers SI3024-KT Datasheet HTML 24Page - List of Unclassifed Manufacturers SI3024-KT Datasheet HTML 25Page - List of Unclassifed Manufacturers SI3024-KT Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
Si 30 35
22
Rev. 1.2
Figure 22. Secondary Communication Data Format—Write Cycle
Figure 23. Clock Generation Subsystem
The architecture of the dual PLL scheme allows for fast
lock time on initial start-up, fast lock time when
changing modem sample rates, high noise immunity,
and the ability to change modem sample rates with a
single
register write.
A large
number of MCLK
frequencies between 1 MHz and 60 MHz are supported.
MCLK should be from a clean source, preferably
directly from a crystal with a constant frequency and no
dropped pulses.
In serial mode 2, the Si3021 operates as a slave device.
The clock generator is configured (by default) to set the
SCLK output equal to the MCLK input. The net effect is
the clock generator multiplies the MCLK input by 20. For
further details of slave mode operation, refer to "Multiple
Device Support" on page 25.
Programming the Clock Generator
As noted in Figure 23, the clock generator must output a
clock equal to 1024 " Fs, where Fs is the desired
sample rate. The 1024 " Fs clock is determined through
programming of the following registers:
Register 7—N1 divider, 8 bits.
Register 8—M1 divider, 8 bits.
Register 9—N2/M2 dividers, 4 bits/4 bits.
Register 10—CGM, 1 bit.
When using the Si3035 for modem applications, the
clock generator can be programmed to allow for a single
register write to change the modem sampling rate.
These standard sample rates are shown in Table 17.
The programming method is described below.
R/W
FSYNC
(m ode 1)
SDI
D 15 D 14 D 13
D 12 D 11 D 10
D 9
D 8
D 7
D 6
D 5
D 4
D 3
D 2
D 1 D 0
0
0
0
A
A
A
A
A
SDO
D
D
D
D
D
D
D
D
FSYNC
(m ode 0)
0
1
0
1
CGM
Bit
MCLK
1024·Fs
FUP1
FUP2
FPLL1
FPLL2
PLL1
PLL2
DIV N1
8 bits
DIV
25
DIV M1
8 bits
DIV N2
4 bits
DIV M2
4 bits
DIV
16
DIV
5


Similar Part No. - SI3024-KT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3024-KT ETC1-SI3024-KT Datasheet
1Mb / 64P
   GLOBAL MC 97 SILICON DAA
More results

Similar Description - SI3024-KT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3016 SILABS-SI3016 Datasheet
972Kb / 50P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3010-KS ETC2-SI3010-KS Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com