Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5120SDI-50GT3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT5120SDI-50GT3
Description  16?릘ap Digital Potentiometers (POTs)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5120SDI-50GT3 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT5120SDI-50GT3 Datasheet HTML 1Page - ON Semiconductor CAT5120SDI-50GT3 Datasheet HTML 2Page - ON Semiconductor CAT5120SDI-50GT3 Datasheet HTML 3Page - ON Semiconductor CAT5120SDI-50GT3 Datasheet HTML 4Page - ON Semiconductor CAT5120SDI-50GT3 Datasheet HTML 5Page - ON Semiconductor CAT5120SDI-50GT3 Datasheet HTML 6Page - ON Semiconductor CAT5120SDI-50GT3 Datasheet HTML 7Page - ON Semiconductor CAT5120SDI-50GT3 Datasheet HTML 8Page - ON Semiconductor CAT5120SDI-50GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
 Semiconductor Components Industries, LLC, 2013
July, 2013 − Rev. 8
1
Publication Order Number:
CAT5120/D
CAT5120, CAT5121,
CAT5122
16‐tap Digital
Potentiometers (POTs)
with 2‐wire Interface
Description
CAT5120/5121/5122 linear-taper digital POTs perform the same
function as a mechanical potentiometer or a variable resistor. These
devices consist of a fixed resistor and a wiper contact with 16-tap
points that are digitally controlled through a 2-wire up/down serial
interface.
The CAT5120 is configured as a potentiometer. The CAT5121 and
CAT5122 are configured as variable resistors. See Pin Configurations
for part functionality.
Two resistance values are available: 10 k
W and 50 kW. These are
available in space-saving 5-pin and 6-pin SC−70 and SOT−23
packages.
Features
0.3 mA Ultra-low Standby Current
Single-supply Operation: 2.7 V to 5.5 V
Glitchless Switching between Resistor Taps
Power-on Reset to Midscale
2-wire Up/Down Serial Interface
Resistance Values: 10 kW, 50 kW
Available in SC−70 and SOT−23 Packages
These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
LCD Screen Adjustment
Volume Control
Mechanical Potentiometer Replacement
Gain Adjustment
Line Impedance Matching
http://onsemi.com
SC−70
SD SUFFIX
CASE 419AD
PIN CONFIGURATIONS
SOT−23
TB SUFFIX
CASE 527AJ
SC−70
SD SUFFIX
CASE 419AC
SOT−23
TB SUFFIX
CASE 527AH
GND
H
2
CAT5122
16
1
5
34
2
3
4
W
5
CAT5120
SC−70
SOT−23
1
6
2
L
5
CAT5121
3
4
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
CS
U/D
VDD
GND
H
SC−70
SOT−23
CS
U/D
VDD
GND
H
SC−70
SOT−23
CS
U/D
VDD


Similar Part No. - CAT5120SDI-50GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5120SDI-50GT3 CATALYST-CAT5120SDI-50GT3 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5120SDI-50GT3 ONSEMI-CAT5120SDI-50GT3 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
CAT5120SDI-50GT3 ONSEMI-CAT5120SDI-50GT3 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5120SDI-50GT3 ONSEMI-CAT5120SDI-50GT3 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
More results

Similar Description - CAT5120SDI-50GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5121 ONSEMI-CAT5121_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5120 ONSEMI-CAT5120_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5124 ONSEMI-CAT5124_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5110 ONSEMI-CAT5110_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5119 ONSEMI-CAT5119_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5125 ONSEMI-CAT5125_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5127 ONSEMI-CAT5127_13 Datasheet
173Kb / 10P
   32?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 7
CAT5123 ONSEMI-CAT5123_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5118 ONSEMI-CAT5118_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
N57L5125 ONSEMI-N57L5125 Datasheet
83Kb / 8P
   32?릘ap Digital Potentiometers (POTs)
August, 2016 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com