Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5269 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT5269
Description  Dual Digital Potentiometer (POT)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5269 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT5269_13 Datasheet HTML 6Page - ON Semiconductor CAT5269_13 Datasheet HTML 7Page - ON Semiconductor CAT5269_13 Datasheet HTML 8Page - ON Semiconductor CAT5269_13 Datasheet HTML 9Page - ON Semiconductor CAT5269_13 Datasheet HTML 10Page - ON Semiconductor CAT5269_13 Datasheet HTML 11Page - ON Semiconductor CAT5269_13 Datasheet HTML 12Page - ON Semiconductor CAT5269_13 Datasheet HTML 13Page - ON Semiconductor CAT5269_13 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CAT5269
http://onsemi.com
10
Data Registers (DR)
Each potentiometer has four 8-bit non-volatile Data
Registers. These can be read or written directly by the host.
Data can also be transferred between any of the four Data
Registers and the associated Wiper Control Register. Any
data changes in one of the Data Registers is a non-volatile
operation and will take a maximum of 10 ms.
If the application does not require storage of multiple
settings for the potentiometer, the Data Registers can be used
as standard memory locations for system parameters or user
preference data.
Instructions
Four of the nine instructions are three bytes in length.
These instructions are:
Read Wiper Control Register – read the current
wiper position of the selected potentiometer in the
WCR
Write Wiper Control Register – change current
wiper position in the WCR of the selected
potentiometer
Read Data Register – read the contents of the
selected Data Register
Write Data Register – write a new value to the
selected Data Register
Table 13. INSTRUCTION SET
Instruction
Instruction Set
Operation
I3
I2
I1
I0
R1
R0
WCR1/
P1
WCR0/
P0
Read Wiper Control
Register
1
0
0
1
0
0
1/0
1/0
Read the contents of the Wiper Control Register
pointed to by P1−P0
Write Wiper Control
Register
1
0
1
0
0
0
1/0
1/0
Write new value to the Wiper Control Register
pointed to by P1−P0
Read Data Register
1
0
1
1
1/0
1/0
1/0
1/0
Read the contents of the Data Register pointed
to by P1−P0 and R1−R0
Write Data Register
1
1
0
0
1/0
1/0
1/0
1/0
Write new value to the Data Register pointed to
by P1−P0 and R1−R0
XFR Data Register to
Wiper Control
Register
1
1
0
1
1/0
1/0
1/0
1/0
Transfer the contents of the Data Register
pointed to by P1−P0 and R1−R0 to its
associated Wiper Control Register
XFR Wiper Control
Register to Data
Register
1
1
1
0
1/0
1/0
1/0
1/0
Transfer the contents of the Wiper Control
Register pointed to by P1−P0 to the Data
Register pointed to by R1−R0
Gang XFR Data
Registers to Wiper
Control Registers
0
0
0
1
1/0
1/0
0
0
Transfer the contents of the Data Registers
pointed to by R1−R0 of both pots to their
respective Wiper Control Registers
Gang XFR Wiper
Control Registers to
Data Register
1
0
0
0
1/0
1/0
0
0
Transfer the contents of both Wiper Control
Registers to their respective data Registers
pointed to by R1−R0 of both pots
Increment/Decrement
Wiper Control Register
0
0
1
0
0
0
1/0
1/0
Enable Increment/decrement of the Control
Latch pointed to by P1−P0
NOTE: 1/0 = data is one or zero
The basic sequence of the three byte instructions is
illustrated in Figure 11. These three-byte instructions
exchange data between the WCR and one of the Data
Registers. The WCR controls the position of the wiper. The
response of the wiper to this action will be delayed by tWR.
A transfer from the WCR (current wiper position), to a Data
Register is a write to non-volatile memory and takes a
minimum of tWR to complete. The transfer can occur
between one of the two potentiometers and one of its
associated registers; or the transfer can occur between both
potentiometers and one associated register.
Four instructions require a two-byte sequence to
complete, as illustrated in Figure 10. These instructions
transfer data between the host/processor and the CAT5269;
either between the host and one of the data registers or
directly between the host and the Wiper Control Register.


Similar Part No. - CAT5269_13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5269B-00TE13 CATALYST-CAT5269B-00TE13 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5269B-10TE13 CATALYST-CAT5269B-10TE13 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5269B-25TE13 CATALYST-CAT5269B-25TE13 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5269B-50TE13 CATALYST-CAT5269B-50TE13 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5269BI-00TE13 CATALYST-CAT5269BI-00TE13 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
More results

Similar Description - CAT5269_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5411 ONSEMI-CAT5411_13 Datasheet
207Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
CAT5261 ONSEMI-CAT5261_13 Datasheet
209Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
CAT5419 ONSEMI-CAT5419_13 Datasheet
207Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5401 ONSEMI-CAT5401_13 Datasheet
208Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5409 ONSEMI-CAT5409_13 Datasheet
215Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
CAT5251 ONSEMI-CAT5251_13 Datasheet
207Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com