Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2468 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2468
Description  Monolothic Triple 14nS High Gain CRT Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2468 Datasheet(HTML) 9 Page - National Semiconductor (TI)

  LM2468 Datasheet HTML 1Page - National Semiconductor (TI) LM2468 Datasheet HTML 2Page - National Semiconductor (TI) LM2468 Datasheet HTML 3Page - National Semiconductor (TI) LM2468 Datasheet HTML 4Page - National Semiconductor (TI) LM2468 Datasheet HTML 5Page - National Semiconductor (TI) LM2468 Datasheet HTML 6Page - National Semiconductor (TI) LM2468 Datasheet HTML 7Page - National Semiconductor (TI) LM2468 Datasheet HTML 8Page - National Semiconductor (TI) LM2468 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT AND GENERAL
COUNSEL OF NATIONAL SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant
into the body, or (b) support or sustain life, and
whose failure to perform when properly used in
accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a
significant injury to the user.
2. A critical component is any component of a life
support device or system whose failure to perform
can be reasonably expected to cause the failure of
the life support device or system, or to affect its
safety or effectiveness.
National Semiconductor
Corporation
Americas
Tel: 1-800-272-9959
Fax: 1-800-737-7018
Email: support@nsc.com
National Semiconductor
Europe
Fax: +49 (0) 180-530 85 86
Email: europe.support@nsc.com
Deutsch Tel: +49 (0) 69 9508 6208
English
Tel: +44 (0) 870 24 0 2171
Français Tel: +33 (0) 1 41 91 8790
National Semiconductor
Asia Pacific Customer
Response Group
Tel: 65-2544466
Fax: 65-2504466
Email: ap.support@nsc.com
National Semiconductor
Japan Ltd.
Tel: 81-3-5639-7560
Fax: 81-3-5639-7507
www.national.com
Note: Information contained in this data sheet is preliminary and may be subject to change without notice.
NS Package Number TA09A
Order Number LM2468TA
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications.


Similar Part No. - LM2468

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM246 STMICROELECTRONICS-LM246 Datasheet
143Kb / 9P
   PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
November 1997
LM246 STMICROELECTRONICS-LM246 Datasheet
149Kb / 4P
   PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM2460 NSC-LM2460 Datasheet
951Kb / 11P
   Monolithic Triple Channel High Swing CRT Driver
logo
Texas Instruments
LM2460 TI1-LM2460 Datasheet
2Mb / 13P
[Old version datasheet]   Monolithic Triple Channel High Swing CRT Driver
logo
National Semiconductor ...
LM2460TA NSC-LM2460TA Datasheet
951Kb / 11P
   Monolithic Triple Channel High Swing CRT Driver
More results

Similar Description - LM2468

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2469 NSC-LM2469 Datasheet
445Kb / 10P
   Monolothic Triple 9nS High Gain CRT Driver
LM2465 NSC-LM2465 Datasheet
425Kb / 12P
   Monolithic Triple 5.5 ns High Gain CRT Driver
logo
Calogic, LLC
CVA1405T CALOGIC-CVA1405T Datasheet
66Kb / 4P
   Triple CRT Driver
CVA2407T CALOGIC-CVA2407T Datasheet
35Kb / 3P
   Triple CRT Driver
CVA2408T CALOGIC-CVA2408T Datasheet
38Kb / 3P
   Triple CRT Driver
CVA1404T CALOGIC-CVA1404T Datasheet
68Kb / 4P
   Triple CRT Driver
CVA2404T CALOGIC-CVA2404T Datasheet
48Kb / 3P
   Triple CRT Driver
CVA1406T CALOGIC-CVA1406T Datasheet
49Kb / 3P
   High Voltage Triple CRT Driver
CVA6627S CALOGIC-CVA6627S Datasheet
47Kb / 4P
   Triple 140MHz CRT Driver
CVA6629S CALOGIC-CVA6629S Datasheet
72Kb / 9P
   Triple 180MHz CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com