Electronic Components Datasheet Search |
|
XC835 Datasheet(PDF) 29 Page - Infineon Technologies AG |
|
XC835 Datasheet(HTML) 29 Page - Infineon Technologies AG |
29 / 57 page XC835/836 Electrical Parameters Data Sheet 23 V1.4, 2011-10 3.1.2 Absolute Maximum Rating Maximum ratings are the extreme limits to which the XC835/836 can be subjected to without permanent damage. Note: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. During absolute maximum rating overload conditions ( V IN > VDDP or VIN < VSS) the voltage on V DDP pin with respect to ground (VSS) must not exceed the values defined by the absolute maximum ratings. Table 6 Absolute Maximum Rating Parameters Parameter Symbol Limit Values Unit Notes Min. Max. Ambient temperature T A -40 125 °C under bias Storage temperature T ST -65 150 °C– Junction temperature T J -40 150 °C under bias Voltage on power supply pin with respect to V SS V DDP -0.5 6 V Maximum current per pin for P1[3:0] I M -115 115 mA Input current on any pin during overload condition I IN -10 10 mA Absolute sum of all input currents during overload condition Σ|I IN|– 50 mA |
Similar Part No. - XC835 |
|
Similar Description - XC835 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |