Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAF-XC822T-0FRI Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SAF-XC822T-0FRI
Description  8-Bit Single-Chip Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAF-XC822T-0FRI Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SAF-XC822T-0FRI Datasheet HTML 7Page - Infineon Technologies AG SAF-XC822T-0FRI Datasheet HTML 8Page - Infineon Technologies AG SAF-XC822T-0FRI Datasheet HTML 9Page - Infineon Technologies AG SAF-XC822T-0FRI Datasheet HTML 10Page - Infineon Technologies AG SAF-XC822T-0FRI Datasheet HTML 11Page - Infineon Technologies AG SAF-XC822T-0FRI Datasheet HTML 12Page - Infineon Technologies AG SAF-XC822T-0FRI Datasheet HTML 13Page - Infineon Technologies AG SAF-XC822T-0FRI Datasheet HTML 14Page - Infineon Technologies AG SAF-XC822T-0FRI Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
XC822/824
General Device Information
Data Sheet
5
V1.2, 2011-10
2
General Device Information
Chapter 2 contains the block diagram, pin configurations, definitions and functions of the
XC822/824.
2.1
Block Diagram
The block diagram of the XC822/824 is shown in Figure 2.
Figure 2
XC822/824 Block Diagram
ADC
MDU
SSC
RTC
8-Kbyte
Boot ROM
1)
256-byte RAM
+
64-byte monitor
RAM
256-byte XRAM
2/4-Kbyte
Flash
XC800 Core
T0 & T1
UART
1) Includes 1-Kbyte monitor ROM
P0.0 - P0.6
P1.0 - P1.5
P2.0 – P2.3
Clock Generator
48 MHz
On-chip OSC
Internal Bus
VDDP
VSSP
VSSC
XC822/824
Timer 2
CCU6
WDT
OCDS
IIC
LED and Touch
Sense Controller
SCU
EVR
75 KHz
On-chip OSC


Similar Part No. - SAF-XC822T-0FRI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAF-XC822T-0FRI INFINEON-SAF-XC822T-0FRI Datasheet
1Mb / 52P
   8-Bit Single-Chip Microcontroller
V1.1 2010-10
More results

Similar Description - SAF-XC822T-0FRI

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com