Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC822 Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # XC822
Description  8-Bit Single-Chip Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC822 Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button XC822_11 Datasheet HTML 39Page - Infineon Technologies AG XC822_11 Datasheet HTML 40Page - Infineon Technologies AG XC822_11 Datasheet HTML 41Page - Infineon Technologies AG XC822_11 Datasheet HTML 42Page - Infineon Technologies AG XC822_11 Datasheet HTML 43Page - Infineon Technologies AG XC822_11 Datasheet HTML 44Page - Infineon Technologies AG XC822_11 Datasheet HTML 45Page - Infineon Technologies AG XC822_11 Datasheet HTML 46Page - Infineon Technologies AG XC822_11 Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
XC822/824
Electrical Parameters
Data Sheet
37
V1.2, 2011-10
3.3.3
Oscillator Timing and Wake-up Timing
Table 19 provides the characteristics of the power-on reset, PLL and Wake-up timings
in the XC822/824.
3.3.4
On-Chip Oscillator Characteristics
Table 20 provides the characteristics of the 48 MHz oscillator in the XC822/824.
Table 19
Power-On Reset Wake-up Timing
1) (Operating Conditions apply)
1) Not subject to production test, verified by design/characterisation.
Parameter
Symbol
Limit Values
Unit Test Conditions
Min.
Typ. Max.
48 MHz Oscillator
start-up time
t
48MOSCST
CC –
13
μs
75 KHz Oscillator start-
up time
t
75KOSCST
CC –
800
μs
Flash initialization time
t
FINT
CC –
160
μs
Table 20
48 MHz Oscillator Characteristics (Operating Conditions apply)
Parameter
Symbol
Limit Values
Unit Test Conditions
Min.
Typ. Max.
Nominal frequency
f
NOM
CC -0.5 % 48
+0.5% MHz under nominal
conditions
1) after
trimming
1) Nominal condition:
V
DDC =2.5 V, TA =+ 25°C.
Long term
frequency deviation
Δf
LT
CC -2.0
3.0
%
with respect to
f
NOM, over
lifetime and temperature
(0
°C to 85 °C)
-4.5
4.5
%
with respect to
f
NOM, over
lifetime and temperature
(-40
°C to 125 °C)
Short term
frequency deviation
(over core supply
voltage
2))
2) Core voltage supply,
V
DDC = 2.5 V ± 7.5%.
Δf
ST
CC -1
1
%
with respect to
f
NOM,
within one LIN message
(< 10 ms … 100 ms)


Similar Part No. - XC822_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC822 INFINEON-XC822 Datasheet
1Mb / 52P
   8-Bit Single-Chip Microcontroller
V1.1 2010-10
More results

Similar Description - XC822_11

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com