Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC822 Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # XC822
Description  8-Bit Single-Chip Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC822 Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button XC822_11 Datasheet HTML 29Page - Infineon Technologies AG XC822_11 Datasheet HTML 30Page - Infineon Technologies AG XC822_11 Datasheet HTML 31Page - Infineon Technologies AG XC822_11 Datasheet HTML 32Page - Infineon Technologies AG XC822_11 Datasheet HTML 33Page - Infineon Technologies AG XC822_11 Datasheet HTML 34Page - Infineon Technologies AG XC822_11 Datasheet HTML 35Page - Infineon Technologies AG XC822_11 Datasheet HTML 36Page - Infineon Technologies AG XC822_11 Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
XC822/824
Electrical Parameters
Data Sheet
27
V1.2, 2011-10
Integral
Nonlinearity
EA
INL
CC –
±1.5
LSB
10-bit conversion
3)
Offset
EA
OFF
CC –
+4
LSB
10-bit conversion
3)
Gain
EA
GAIN
CC –
-4
LSB
10-bit conversion
3)
Switched
capacitance at an
analog input
C
AINSW
CC –
2
3
pF
3)5)
Total capacitance
at an analog input
C
AINT
CC –
12
pF
3)5)
Input resistance
of an analog input
R
AIN
CC –
1.5
2
k
Ω
3)
1) 1.2 V at
V
DDP =3.0 V.
2) TUE is tested at
V
AREF = VDDP = 5.0 V and CPU clock (fSCLK, CCLK )= 8MHz.
3) Not subject to production test, verified by design/characterization.
4) If a reduced positive reference voltage is used, TUE will increase. If the positive reference is reduced by a
factor of K, the TUE will increased by 1/K. Example:K = 0.8, 1/K = 1.25; 1.25 X TUE = 2.5 LSB10.
5) The sampling capacity of the conversion C-Network is pre-charged to
V
AREF/2 before connecting the input to
the C-Network. Because of the parasitic elements, the voltage measured at ANx is lower than
V
AREF/2.
Table 10
ADC Characteristics (Operating Conditions apply;
V
DDP = 5 V)
Parameter
Symbol
Limit Values
Unit
Test Conditions /
Remarks
Min.
Typ.
Max.


Similar Part No. - XC822_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC822 INFINEON-XC822 Datasheet
1Mb / 52P
   8-Bit Single-Chip Microcontroller
V1.1 2010-10
More results

Similar Description - XC822_11

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com