Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9105DW Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI9105DW
Description  1-W High-Voltage Switchmode Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9105DW Datasheet(HTML) 6 Page - Vishay Siliconix

  SI9105DW Datasheet HTML 1Page - Vishay Siliconix SI9105DW Datasheet HTML 2Page - Vishay Siliconix SI9105DW Datasheet HTML 3Page - Vishay Siliconix SI9105DW Datasheet HTML 4Page - Vishay Siliconix SI9105DW Datasheet HTML 5Page - Vishay Siliconix SI9105DW Datasheet HTML 6Page - Vishay Siliconix SI9105DW Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Si9105
Vishay Siliconix
www.vishay.com
6
Document Number: 70003
S-42030—Rev. H, 15-Nov-04
DETAILED DESCRIPTION
Pre-Regulator/Start-Up Section
Due to the low quiescent current requirement of the Si9105
control circuitry, bias power can be supplied from the
unregulated input power source, from an external regulated
low-voltage supply, or from an auxiliary “bootstrap” winding on
the output inductor or transformer.
When power is first applied during start-up, +VIN will draw a
constant current. The magnitude of this current is determined
by a high-voltage depletion MOSFET device which is
connected between +VIN and VCC. This start-up circuitry
provides initial power to the IC by charging an external bypass
capacitance connected to the VCC pin. The constant current is
disabled when VCC exceeds 9.3 V. If VCC is not forced to
exceed the 9.3-V threshold, then VCC will be regulated to a
nominal value of 9.3 V by the pre-regulator circuit.
As the supply voltage rises toward the normal operating
conditions, an internal undervoltage (UV) lockout circuit keeps
the output MOSFET disabled until VCC exceeds the
undervoltage lockout threshold (typically 8.7 V). This
guarantees that the control logic will be functioning properly
and that sufficient gate drive voltage is available before the
MOSFET turns on. The design of the IC is such that the
undervoltage lockout threshold will not exceed the
pre-regulator turn-off voltage. Power dissipation can be
minimized by providing an external power source to VCC such
that the constant current source is always disabled.
BIAS
To properly set the bias for the Si9105, a 820-kW resistor
should be tied from BIAS to −VIN. This determines the
magnitude of bias current in all of the analog sections and the
pull-up current for the SHUTDOWN and RESET pins. The
current flowing in the bias resistor is nominally 7.5 mA.
Reference Section
The reference section of the Si9105 consists of a temperature
compensated buried zener and trimmable divider network.
The output of the reference section is connected internally to
the non-inverting input of the error amplifier. Nominal reference
output voltage is 4 V. The trimming procedure that is used on
the Si9105 brings the output of the error amplifier (which is
configured for unity gain during trimming) to within "1% of 4 V.
This automatically compensates for the input offset voltage in
the error amplifier.
The output impedance of the reference section has been
purposely made high so that a low impedance external voltage
source can be used to override the internal voltage source, if
desired, without otherwise altering the performance of the
device.
Error Amplifier
Closed-loop regulation is provided by the error amplifier,
whose 1-kW dynamic output impedance enables it to be used
with feedback compensation (unlike transconductance
amplifiers). A MOS differential input stage provides for low
input current. The noninverting input to the error amplifier
(VREF) is internally connected to the output of the reference
supply and should be bypassed with a small capacitor to
ground.
Oscillator Section
The oscillator consists of a ring of CMOS inverters, capacitors,
and a capacitor discharge switch. Frequency is set by an
external resistor between the OSC IN and OSC OUT pins.
(See Typical Characteristics graph of resistor value vs.
frequency.) The DISCHARGE pin should be tied to −VIN for
normal internal oscillator operation. A frequency divider in the
logic section limits switch duty cycle to a maximum of 50% by
locking the switching frequency to one half of the oscillator
frequency.
Remote synchronization can be accomplished by capacitive
coupling of a synchronization pulse into the OSC IN terminal.
For a 5-V pulse amplitude and 0.5-ms pulse width, typical
values would be 100 pF in series with 3 kW to OSC IN.


Similar Part No. - SI9105DW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9105DW VISHAY-SI9105DW Datasheet
305Kb / 11P
   1-W High-Voltage Switchmode Regulator
Rev. I, 19-Mar-07
SI9105DW-T1 VISHAY-SI9105DW-T1 Datasheet
305Kb / 11P
   1-W High-Voltage Switchmode Regulator
Rev. I, 19-Mar-07
SI9105DW-T1-E3 VISHAY-SI9105DW-T1-E3 Datasheet
305Kb / 11P
   1-W High-Voltage Switchmode Regulator
Rev. I, 19-Mar-07
More results

Similar Description - SI9105DW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9108 VISHAY-SI9108_04 Datasheet
213Kb / 12P
   1-W High-Voltage Switchmode Regulator
Rev. B,15-Nov-04
SI9105 VISHAY-SI9105_07 Datasheet
305Kb / 11P
   1-W High-Voltage Switchmode Regulator
Rev. I, 19-Mar-07
SI9108 VISHAY-SI9108 Datasheet
100Kb / 5P
   1-W High-Voltage Switchmode Regulator
Rev. A, 05-Apr-99
SI9105 VISHAY-SI9105_V01 Datasheet
201Kb / 11P
   1-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9102 VISHAY-SI9102_07 Datasheet
277Kb / 10P
   3-W High-Voltage Switchmode Regulator
Rev. H, 19-Mar-07
SI9100 VISHAY-SI9100 Datasheet
88Kb / 8P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
SI9100 VISHAY-SI9100_V01 Datasheet
182Kb / 11P
   3-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9102 VISHAY-SI9102 Datasheet
76Kb / 7P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
SI9102 VISHAY-SI9102_V01 Datasheet
155Kb / 10P
   3-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9104 VISHAY-SI9104 Datasheet
121Kb / 5P
   High-Voltage Switchmode Regulator
Rev. B, 16-Apr-01
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com