Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2220U Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # XC2220U
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2220U Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button XC2220U Datasheet HTML 17Page - Infineon Technologies AG XC2220U Datasheet HTML 18Page - Infineon Technologies AG XC2220U Datasheet HTML 19Page - Infineon Technologies AG XC2220U Datasheet HTML 20Page - Infineon Technologies AG XC2220U Datasheet HTML 21Page - Infineon Technologies AG XC2220U Datasheet HTML 22Page - Infineon Technologies AG XC2220U Datasheet HTML 23Page - Infineon Technologies AG XC2220U Datasheet HTML 24Page - Infineon Technologies AG XC2220U Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 105 page
background image
XC2220U
XC2000 Family / Compact Line
General Device Information
Data Sheet
17
V1.2, 2012-07
38
P10.7
O0 / I St/B
Bit 7 of Port 10, General Purpose Input/Output
U0C1_DOUT
O1
St/B
USIC0 Channel 1 Shift Data Output
CCU60_COU
T63
O2
St/B
CCU60 Channel 3 Output
U0C1_DX0B
I
St/B
USIC0 Channel 1 Shift Data Input
CCU60_CCP
OS0A
ISt/B
CCU60 Position Input 0
T4INB
I
St/B
GPT12E Timer T4 Count/Gate Input
39
P10.8
O0 / I St/B
Bit 8 of Port 10, General Purpose Input/Output
U0C0_MCLK
OUT
O1
St/B
USIC0 Channel 0 Master Clock Output
U0C1_SELO
0
O2
St/B
USIC0 Channel 1 Select/Control 0 Output
CCU60_CCP
OS1A
ISt/B
CCU60 Position Input 1
U0C0_DX1C
I
St/B
USIC0 Channel 0 Shift Clock Input
BRKIN_B
ISt/B
OCDS Break Signal Input
T3EUDB
I
St/B
GPT12E Timer T3 External Up/Down Control
Input
ESR2_11
I
St/B
ESR2 Trigger Input 11
40
P10.9
O0 / I St/B
Bit 9 of Port 10, General Purpose Input/Output
U0C0_SELO
4
O1
St/B
USIC0 Channel 0 Select/Control 4 Output
U0C1_MCLK
OUT
O2
St/B
USIC0 Channel 1 Master Clock Output
CCU60_CCP
OS2A
ISt/B
CCU60 Position Input 2
TCK_B
I
St/B
DAP0/JTAG Clock Input
T3INB
I
St/B
GPT12E Timer T3 Count/Gate Input
Table 6
Pin Definitions and Functions (cont’d)
Pin
Symbol
Ctrl.
Type Function


Similar Part No. - XC2220U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2200 INFINEON-XC2200 Datasheet
1Mb / 62P
   16/32-Bit Single-Chip Microcontroller
XC2200U INFINEON-XC2200U Datasheet
217Kb / 2P
   XC2200U - Series 16/32-bit µC for Automotive Body Applications
05 / 2011
logo
Torex Semiconductor
XC221A TOREX-XC221A Datasheet
667Kb / 8P
   1.2VInput/ Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A Datasheet
928Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A-12 TOREX-XC221A-12 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
More results

Similar Description - XC2220U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
XC2787X INFINEON-XC2787X Datasheet
1Mb / 144P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
XC236X INFINEON-XC236X Datasheet
4Mb / 99P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
XC2785X INFINEON-XC2785X Datasheet
1Mb / 136P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC226X INFINEON-XC226X Datasheet
2Mb / 101P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Feb. 2007
XC2288H INFINEON-XC2288H_11 Datasheet
1Mb / 151P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2011-07
XC2232N INFINEON-XC2232N_13 Datasheet
2Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
XC2764X INFINEON-XC2764X Datasheet
1Mb / 125P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-04
XC2298H INFINEON-XC2298H Datasheet
1Mb / 157P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com