Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2288H Datasheet(PDF) 95 Page - Infineon Technologies AG

Part # XC2288H
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2288H Datasheet(HTML) 95 Page - Infineon Technologies AG

Back Button XC2288H_11 Datasheet HTML 91Page - Infineon Technologies AG XC2288H_11 Datasheet HTML 92Page - Infineon Technologies AG XC2288H_11 Datasheet HTML 93Page - Infineon Technologies AG XC2288H_11 Datasheet HTML 94Page - Infineon Technologies AG XC2288H_11 Datasheet HTML 95Page - Infineon Technologies AG XC2288H_11 Datasheet HTML 96Page - Infineon Technologies AG XC2288H_11 Datasheet HTML 97Page - Infineon Technologies AG XC2288H_11 Datasheet HTML 98Page - Infineon Technologies AG XC2288H_11 Datasheet HTML 99Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 151 page
background image
XC2288H, XC2289H
XC2000 Family / High Line
Electrical Parameters
Data Sheet
95
V1.3, 2011-07
4.3.1
DC Parameters for Upper Voltage Area
Keeping signal levels within the limits specified in this table ensures operation without
overload conditions. For signal levels outside these specifications, also refer to the
specification of the overload current
I
OV.
Note: Operating Conditions apply.
Table 16 is valid under the following conditions:
V
DDPtyp. 5 V; VDDP≥ 4.5 V; VDDP≤ 5.5 V
Table 16
DC Characteristics for Upper Voltage Range
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Pin capacitance (digital
inputs/outputs). To be
doubled for double bond
pins.
1)
C
IO CC
−−
10
pF
not subject to
production test
Input Hysteresis
2)
HYS CC 0.11 x
V
DDP
−−
V
R
S=0Ohm
Absolute input leakage
current on pins of analog
ports
3)
|
I
OZ1|
CC
10
200
nA
V
IN> VSS V;
V
IN< VDDP
Absolute input leakage
current for all other pins.
To be doubled for double
bond pins.
3)1)4)
|
I
OZ2|
CC
0.2
5
μA
T
J≤ 110 °C;
V
IN> VSS V;
V
IN< VDDP
0.2
15
μA
T
J≤ 150 °C;
V
IN> VSS V;
V
IN< VDDP
Pull Level Force Current
5)
|
I
PLF| SR
250
−−
μA
V
IN
V
IHmin(pulldown
_enabled) ;
V
INVILmax(pull
up_enabled)
Pull Level Keep Current
6)
|
I
PLK|
SR
−−
30
μA
V
INVIHmin(pull
up_enabled) ;
V
INVILmax(pull
down_enabled)
Input high voltage (all
except XTAL1)
V
IH SR
0.7 x
V
DDP
V
DDP +
0.3
V
Input low voltage
(all except XTAL1)
V
IL SR
-0.3
0.3 x
V
DDP
V


Similar Part No. - XC2288H_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2288H INFINEON-XC2288H Datasheet
1Mb / 149P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
More results

Similar Description - XC2288H_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
XC2787X INFINEON-XC2787X Datasheet
1Mb / 144P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
XC236X INFINEON-XC236X Datasheet
4Mb / 99P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
XC2785X INFINEON-XC2785X Datasheet
1Mb / 136P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC226X INFINEON-XC226X Datasheet
2Mb / 101P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Feb. 2007
XC2232N INFINEON-XC2232N_13 Datasheet
2Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
XC2764X INFINEON-XC2764X Datasheet
1Mb / 125P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-04
XC2298H INFINEON-XC2298H Datasheet
1Mb / 157P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com