Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2288H Datasheet(PDF) 55 Page - Infineon Technologies AG

Part # XC2288H
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2288H Datasheet(HTML) 55 Page - Infineon Technologies AG

Back Button XC2288H_11 Datasheet HTML 51Page - Infineon Technologies AG XC2288H_11 Datasheet HTML 52Page - Infineon Technologies AG XC2288H_11 Datasheet HTML 53Page - Infineon Technologies AG XC2288H_11 Datasheet HTML 54Page - Infineon Technologies AG XC2288H_11 Datasheet HTML 55Page - Infineon Technologies AG XC2288H_11 Datasheet HTML 56Page - Infineon Technologies AG XC2288H_11 Datasheet HTML 57Page - Infineon Technologies AG XC2288H_11 Datasheet HTML 58Page - Infineon Technologies AG XC2288H_11 Datasheet HTML 59Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 151 page
background image
XC2288H, XC2289H
XC2000 Family / High Line
Functional Description
Data Sheet
55
V1.3, 2011-07
This common memory space consists of 16 Mbytes organized as 256 segments of
64 Kbytes; each segment contains four data pages of 16 Kbytes. The entire memory
space can be accessed bytewise or wordwise. Portions of the on-chip DPRAM and the
register spaces (ESFR/SFR) additionally are directly bit addressable.
The internal data memory areas and the Special Function Register areas (SFR and
ESFR) are mapped into segment 0, the system segment.
The Program Management Unit (PMU) handles all code fetches and, therefore, controls
access to the program memories such as Flash memory and PSRAM.
The Data Management Unit (DMU) handles all data transfers and, therefore, controls
access to the DSRAM and the on-chip peripherals.
Both units (PMU and DMU) are connected to the high-speed system bus so that they can
exchange data. This is required if operands are read from program memory, code or
data is written to the PSRAM, code is fetched from external memory, or data is read from
or written to external resources. These include peripherals on the LXBus such as USIC
or MultiCAN. The system bus allows concurrent two-way communication for maximum
transfer performance.
Up to 112 Kbytes of on-chip Program SRAM (PSRAM) are provided to store user
code or data. The PSRAM is accessed via the PMU and is optimized for code fetches.
A section of the PSRAM with programmable size can be write-protected.
Note: The actual size of the PSRAM depends on the quoted device type.
Dualport RAM (DPRAM) 00’F600
H
00’FDFF
H
2 Kbytes
Reserved for DPRAM
00’F200
H
00’F5FF
H
1 Kbytes
ESFR area
00’F000
H
00’F1FF
H
0.5 Kbytes
XSFR area
00’E000
H
00’EFFF
H
4 Kbytes
Data SRAM (DSRAM)
00’8000
H
00’DFFF
H
24 Kbytes
External memory area
00’0000
H
00’7FFF
H
32 Kbytes
1) Accesses to the shaded areas are reserved. In devices with external bus interface these accesses generate
external bus accesses.
2) The areas marked with “<” are slightly smaller than indicated, see column “Notes”.
3) The uppermost 4-Kbyte sector of the first Flash segment is reserved for internal use (C0’F000
H to C0’FFFFH).
4) Several pipeline optimizations are not active within the external IO area. This is necessary to control external
peripherals properly.
Table 8
XC228xH Memory Map (cont’d)
1)
Address Area
Start Loc. End Loc.
Area Size
2)
Notes


Similar Part No. - XC2288H_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2288H INFINEON-XC2288H Datasheet
1Mb / 149P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
More results

Similar Description - XC2288H_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
XC2787X INFINEON-XC2787X Datasheet
1Mb / 144P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
XC236X INFINEON-XC236X Datasheet
4Mb / 99P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
XC2785X INFINEON-XC2785X Datasheet
1Mb / 136P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC226X INFINEON-XC226X Datasheet
2Mb / 101P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Feb. 2007
XC2232N INFINEON-XC2232N_13 Datasheet
2Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
XC2764X INFINEON-XC2764X Datasheet
1Mb / 125P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-04
XC2298H INFINEON-XC2298H Datasheet
1Mb / 157P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com