Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX8051 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74LVX8051
Description  Analog Multiplexer/ Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX8051 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC74LVX8051 Datasheet HTML 2Page - ON Semiconductor MC74LVX8051 Datasheet HTML 3Page - ON Semiconductor MC74LVX8051 Datasheet HTML 4Page - ON Semiconductor MC74LVX8051 Datasheet HTML 5Page - ON Semiconductor MC74LVX8051 Datasheet HTML 6Page - ON Semiconductor MC74LVX8051 Datasheet HTML 7Page - ON Semiconductor MC74LVX8051 Datasheet HTML 8Page - ON Semiconductor MC74LVX8051 Datasheet HTML 9Page - ON Semiconductor MC74LVX8051 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC74LVX8051
http://onsemi.com
6
Figure 3. Maximum Off Channel Leakage Current,
Any One Channel, Test Set−Up
Figure 4. Maximum Off Channel Leakage Current,
Common Channel, Test Set−Up
Figure 5. Maximum On Channel Leakage Current,
Channel to Channel, Test Set−Up
Figure 6. Maximum On Channel Bandwidth,
Test Set−Up
Figure 7. Off Channel Feedthrough Isolation,
Test Set−Up
Figure 8. Feedthrough Noise, Channel Select to
Common Out, Test Set−Up
OFF
OFF
6
8
16
COMMON O/I
VCC
VIH
NC
A
VCC
GND
VCC
OFF
OFF
6
8
16
COMMON O/I
VCC
VIH
ANALOG I/O
VCC
GND
VCC
ON
OFF
6
8
16
COMMON O/I
VCC
VIL
VCC
GND
VCC
N/C
A
ANALOG I/O
ON
6
8
16
VCC
0.1
mF
CL*
fin
RL
dB
METER
*Includes all probe and jig capacitance
OFF
6
8
16
VCC
0.1
mF
CL*
fin
RL
dB
METER
*Includes all probe and jig capacitance
VOS
VOS
RL
VIS
VIL or VIH
CHANNEL SELECT
ON/OFF
6
8
16
VCC
CL*
RL
*Includes all probe and jig capacitance
CHANNEL SELECT
TEST
POINT
COMMON O/I
11
VCC
OFF/ON
ANALOG I/O
RL
RL
VCC
GND
Vin ≤ 1 MHz
tr = tf = 3 ns


Similar Part No. - MC74LVX8051

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX8051 ONSEMI-MC74LVX8051 Datasheet
250Kb / 12P
   Analog Multiplexer/Demultiplexer
October, 1999 ??Rev. 1.0
MC74LVX8051 ONSEMI-MC74LVX8051 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVX8051D ONSEMI-MC74LVX8051D Datasheet
250Kb / 12P
   Analog Multiplexer/Demultiplexer
October, 1999 ??Rev. 1.0
MC74LVX8051DR2 ONSEMI-MC74LVX8051DR2 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVX8051DR2G ONSEMI-MC74LVX8051DR2G Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
More results

Similar Description - MC74LVX8051

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com