Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5124TBI-50GT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT5124TBI-50GT3
Description  32?릘ap Digital Potentiometers (POTs)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5124TBI-50GT3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT5124TBI-50GT3 Datasheet HTML 1Page - ON Semiconductor CAT5124TBI-50GT3 Datasheet HTML 2Page - ON Semiconductor CAT5124TBI-50GT3 Datasheet HTML 3Page - ON Semiconductor CAT5124TBI-50GT3 Datasheet HTML 4Page - ON Semiconductor CAT5124TBI-50GT3 Datasheet HTML 5Page - ON Semiconductor CAT5124TBI-50GT3 Datasheet HTML 6Page - ON Semiconductor CAT5124TBI-50GT3 Datasheet HTML 7Page - ON Semiconductor CAT5124TBI-50GT3 Datasheet HTML 8Page - ON Semiconductor CAT5124TBI-50GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125
http://onsemi.com
2
GND
H
L
W
Figure 1. Functional Diagram
U/D
CS
VDD
Table 1. PIN DESCRIPTIONS
Pin Number
Pin
Name
Description
CAT5110/
CAT5125
CAT5118/
CAT5123
CAT5119/
CAT5124
1
1
1
VDD
Power Supply
2
2
2
GND
Ground
3
3
3
U/D
Up/Down Control Input. With CS low, a low-to-high transition increments
or decrements the wiper position.
4
4
4
CS
Chip Select Input. A high-to-low CS transition determines the mode:
increment if U/D is high, or decrement if U/D is low.
5
L
Low Terminal of Resistor
5
W
Wiper Terminal of Resistor
6
6
6
H
High Terminal of Resistor
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
VDD to GND
−0.3 to +6
V
All Other Pins to GND
−0.3 to (VDD + 0.3)
V
Input and Output Latch−Up Immunity
200
mA
Maximum Continuous Current into H, L and W
100 kW
50 kW
10 kW
0.6
1.3
1.3
mA
Continuous Power Dissipation (TA = +70C)
5-pin SC−70 (Note 1)
6-pin SC−70 (Note 1)
247
245
mW
Operating Temperature Range
−40 to +85
C
Junction Temperature
+150
C
Storage Temperature Range
−65 to +150
C
Soldering Temperature (soldering, 10 sec)
+300
C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Derate 3.1 mW/C above TA = +70C


Similar Part No. - CAT5124TBI-50GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5124TBI-50GT3 CATALYST-CAT5124TBI-50GT3 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5124TBI-50GT3 ONSEMI-CAT5124TBI-50GT3 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5124TBI-50GT3 ONSEMI-CAT5124TBI-50GT3 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5124TBI-50GT3 ONSEMI-CAT5124TBI-50GT3 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5124TBI-50GT3 ONSEMI-CAT5124TBI-50GT3 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
More results

Similar Description - CAT5124TBI-50GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5124 ONSEMI-CAT5124_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5119 ONSEMI-CAT5119_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5125 ONSEMI-CAT5125_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5127 ONSEMI-CAT5127_13 Datasheet
173Kb / 10P
   32?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 7
CAT5123 ONSEMI-CAT5123_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5118 ONSEMI-CAT5118_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
N57L5125 ONSEMI-N57L5125 Datasheet
83Kb / 8P
   32?릘ap Digital Potentiometers (POTs)
August, 2016 ??Rev. P0
CAT5121 ONSEMI-CAT5121_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5122 ONSEMI-CAT5122_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5120 ONSEMI-CAT5120_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com