Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5409YI-10-T2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT5409YI-10-T2
Description  Quad Digital Potentiometer (POT)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5409YI-10-T2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT5409YI-10-T2 Datasheet HTML 5Page - ON Semiconductor CAT5409YI-10-T2 Datasheet HTML 6Page - ON Semiconductor CAT5409YI-10-T2 Datasheet HTML 7Page - ON Semiconductor CAT5409YI-10-T2 Datasheet HTML 8Page - ON Semiconductor CAT5409YI-10-T2 Datasheet HTML 9Page - ON Semiconductor CAT5409YI-10-T2 Datasheet HTML 10Page - ON Semiconductor CAT5409YI-10-T2 Datasheet HTML 11Page - ON Semiconductor CAT5409YI-10-T2 Datasheet HTML 12Page - ON Semiconductor CAT5409YI-10-T2 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CAT5409
http://onsemi.com
9
INSTRUCTION AND REGISTER DESCRIPTION
Slave Address Byte
The first byte sent to the CAT5409 from the master/
processor is called the Slave Address Byte. The most
significant four bits of the Device Type address are a device
type identifier. These bits for the CAT5409 are fixed at
0101[B] (refer to Figure 8).
The next four bits, A3 − A0, are the internal slave address
and must match the physical device address which is defined
by the state of the A3 − A0 input pins for the CAT5409 to
successfully continue the command sequence. Only the
device which slave address matches the incoming device
address sent by the master executes the instruction. The A3
− A0 inputs can be actively driven by CMOS input signals
or tied to VCC or VSS.
Instruction Byte
The next byte sent to the CAT5409 contains the
instruction and register pointer information. The four most
significant bits used provide the instruction opcode I [3:0].
The R1 and R0 bits point to one of the four data registers of
each associated potentiometer. The least two significant bits
point to one of four Wiper Control Registers. The format is
shown in Figure 9.
Table 11. DATA REGISTER SELECTION
Data Register Selected
R1
R0
DR0
0
0
DR1
0
1
DR2
1
0
DR3
1
1
Figure 8. Identification Byte Format
ID3
ID2
ID1
ID0
A3
A2
A1
A0
010
1
(MSB)
(LSB)
Device Type
Identifier
Slave Address
Figure 9. Instruction Byte Format
I3
I2
I1
I0
R1
R0
P1
P0
(MSB)
(LSB)
WCR/Pot Selection
Instruction
Opcode
Data Register
Selection
WIPER CONTROL AND DATA REGISTERS
Wiper Control Register (WCR)
The CAT5409 contains four 6-bit Wiper Control
Registers, one for each potentiometer. The Wiper Control
Register output is decoded to select one of 64 switches along
its resistor array. The contents of the WCR can be altered in
four ways: it may be written by the host via Write Wiper
Control Register instruction; it may be written by
transferring the contents of one of four associated Data
Registers via the XFR Data Register instruction, it can be
modified one step at a time by the Increment/Decrement
instruction (see Instruction section for more details).
Finally, it is loaded with the content of its data register zero
(DR0) upon power-up.
The Wiper Control Register is a volatile register that loses
its contents when the CAT5409 is powered-down. Although
the register is automatically loaded with the value in DR0
upon power-up, this may be different from the value present
at power-down.
Data Registers (DR)
Each potentiometer has four 6-bit non-volatile Data
Registers. These can be read or written directly by the host.
Data can also be transferred between any of the four Data
Registers and the associated Wiper Control Register. Any
data changes in one of the Data Registers is a non-volatile
operation and will take a maximum of 5 ms.
If the application does not require storage of multiple
settings for the potentiometer, the Data Registers can be used
as standard memory locations for system parameters or user
preference data.
Instructions
Four of the nine instructions are three bytes in length.
These instructions are:
Read Wiper Control Register – read the current wiper
position of the selected potentiometer in the WCR
Write Wiper Control Register – change current wiper
position in the WCR of the selected potentiometer


Similar Part No. - CAT5409YI-10-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5409YI-10-T2 ONSEMI-CAT5409YI-10-T2 Datasheet
252Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. M
More results

Similar Description - CAT5409YI-10-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5401 ONSEMI-CAT5401_13 Datasheet
208Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
CAT5251 ONSEMI-CAT5251_13 Datasheet
207Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
CAT5269 ONSEMI-CAT5269_13 Datasheet
212Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
CAT5411 ONSEMI-CAT5411_13 Datasheet
207Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
CAT5261 ONSEMI-CAT5261_13 Datasheet
209Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
CAT5419 ONSEMI-CAT5419_13 Datasheet
207Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com