Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5261WI-50-T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT5261WI-50-T1
Description  Dual Digital Potentiometer (POT)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5261WI-50-T1 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT5261WI-50-T1 Datasheet HTML 1Page - ON Semiconductor CAT5261WI-50-T1 Datasheet HTML 2Page - ON Semiconductor CAT5261WI-50-T1 Datasheet HTML 3Page - ON Semiconductor CAT5261WI-50-T1 Datasheet HTML 4Page - ON Semiconductor CAT5261WI-50-T1 Datasheet HTML 5Page - ON Semiconductor CAT5261WI-50-T1 Datasheet HTML 6Page - ON Semiconductor CAT5261WI-50-T1 Datasheet HTML 7Page - ON Semiconductor CAT5261WI-50-T1 Datasheet HTML 8Page - ON Semiconductor CAT5261WI-50-T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT5261
http://onsemi.com
3
PIN DESCRIPTIONS
Table 1. PIN DESCRIPTIONS
Pin #
Name
Function
1
SO
Serial Data Output
2
A0
Device Address, LSB
3
NC
No Connect
4
NC
No Connect
5
NC
No Connect
6
NC
No Connect
7
VCC
Supply Voltage
8
RL0
Low Reference Terminal for
Potentiometer 0
9
RH0
High Reference Terminal for
Potentiometer 0
10
RW0
Wiper Terminal for Potentiometer 0
11
CS
Chip Select
12
WP
Write Protection
13
SI
Serial Input
14
A1
Device Address
15
RL1
Low Reference Terminal for
Potentiometer 1
16
RH1
High Reference Terminal for
Potentiometer 1
17
RW1
Wiper Terminal for Potentiometer 1
18
GND
Ground
19
NC
No Connect
20
NC
No Connect
21
NC
No Connect
22
NC
No Connect
23
SCK
Bus Serial Clock
24
HOLD
Hold
SI: Serial Input
SI is the serial data input pin. This pin is used to input all
opcodes, byte addresses and data to be written to the
CAT5261. Input data is latched on the rising edge of the
serial clock.
SO: Serial Output
SO is the serial data output pin. This pin is used to transfer
data out of the CAT5261. During a read cycle, data is shifted
out on the falling edge of the serial clock.
SCK: Serial Clock
SCK is the serial clock pin. This pin is used to synchronize
the communication between the microcontroller and the
CAT5261. Opcodes, byte addresses or data present on the SI
pin are latched on the rising edge of the SCK. Data on the SO
pin is updated on the falling edge of the SCK.
A0, A1: Device Address Inputs
These inputs set the device address when addressing
multiple devices. A total of four devices can be addressed on
a single bus. A match in the slave address must be made with
the address input in order to initiate communication with the
CAT5261.
RH, RL: Resistor End Points
The RH and RL pins are equivalent to the terminal
connections on a mechanical potentiometer.
RW: Wiper
The RW pins are equivalent to the wiper terminal of a
mechanical potentiometer.
CS: Chip Select
CS is the Chip select pin. CS low enables the CAT5261 and
CS high disables the CAT5261. CS high takes the SO output
pin to high impedance and forces the devices into a Standby
mode (unless an internal write operation is underway). The
CAT5261 draws ZERO current in the Standby mode. A high
to low transition on CS is required prior to any sequence
being initiated. A low to high transition on CS after a valid
write sequence is what initiates an internal write cycle.
WP: Write Protect
WP is the Write Protect pin. The Write Protect pin will allow
normal read/write operations when held high. When WP is
tied low, all non-volatile write operations to the Data
registers are inhibited (change of wiper control register is
allowed). WP going low while CS is still low will interrupt
a write to the registers. If the internal write cycle has already
been initiated, WP going low will have no effect on any write
operation.
HOLD: Hold
The HOLD pin is used to pause transmission to the
CAT5261 while in the middle of a serial sequence without
having to retransmit entire sequence at a later time. To pause,
HOLD must be brought low while SCK is low. The SO pin
is in a high impedance state during the time the part is
paused, and transitions on the SI pins will be ignored. To
resume communication, HOLD is brought high, while SCK
is low. (HOLD should be held high any time this function is
not being used.) HOLD may be tied high directly to VCC or
tied to VCC through a resistor.
WP: Write Protect Input
The WP pin when tied low prevents non-volatile writes to
the device (change of wiper control register is allowed) and
when tied high or left floating normal read/write operations
are allowed.


Similar Part No. - CAT5261WI-50-T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5261WI-50-T1 ONSEMI-CAT5261WI-50-T1 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
More results

Similar Description - CAT5261WI-50-T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5411 ONSEMI-CAT5411_13 Datasheet
207Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
CAT5269 ONSEMI-CAT5269_13 Datasheet
212Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
CAT5419 ONSEMI-CAT5419_13 Datasheet
207Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5401 ONSEMI-CAT5401_13 Datasheet
208Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5409 ONSEMI-CAT5409_13 Datasheet
215Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
CAT5251 ONSEMI-CAT5251_13 Datasheet
207Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com