Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2320D Datasheet(PDF) 72 Page - Infineon Technologies AG

Part # XC2320D
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2320D Datasheet(HTML) 72 Page - Infineon Technologies AG

Back Button XC2320D Datasheet HTML 68Page - Infineon Technologies AG XC2320D Datasheet HTML 69Page - Infineon Technologies AG XC2320D Datasheet HTML 70Page - Infineon Technologies AG XC2320D Datasheet HTML 71Page - Infineon Technologies AG XC2320D Datasheet HTML 72Page - Infineon Technologies AG XC2320D Datasheet HTML 73Page - Infineon Technologies AG XC2320D Datasheet HTML 74Page - Infineon Technologies AG XC2320D Datasheet HTML 75Page - Infineon Technologies AG XC2320D Datasheet HTML 76Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 109 page
background image
XC2320D, XC2321D
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
68
V1.2, 2012-07
4.4
Analog/Digital Converter Parameters
These parameters describe the conditions for optimum ADC performance.
Note: Operating Conditions apply.
Table 20
ADC Parameters for All Voltage Ranges
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Switched capacitance at
an analog input
C
AINSW
CC
9
20
pF
not subject to
production test
1)
1) These parameter values cover the complete operating range. Under relaxed operating conditions
(temperature, supply voltage) typical values can be used for calculation.
Total capacitance at an
analog input
C
AINT
CC
20
30
pF
not subject to
production test
1)
Switched capacitance at
the reference input
C
AREFSW
CC
15
30
pF
not subject to
production test
1)
Total capacitance at the
reference input
C
AREFT
CC
20
40
pF
not subject to
production test
1)
Broken wire detection
delay against VAGND
2)
t
BWG CC
−−
50
3)
Broken wire detection
delay against VAREF
2)
t
BWR CC
−−
50
4)
Conversion time for 8-bit
result
2)
t
c8 CC
(10 + STC x
t
ADCI + 2 x
t
SYS
Conversion time for 10-bit
result
2)
t
c10 CC
(12 + STC x
t
ADCI + 2 x
t
SYS
Conversion time for 12-bit
result
2)
t
c12 CC
(16 + STC x
t
ADCI + 2 x
t
SYS
Analog reference ground
V
AGND
SR
V
SS -
0.05
1.5
V
Analog input voltage
range
V
AIN SR
V
AGND
V
AREF
V
5)
Analog reference voltage
V
AREF
SR
V
AGND
+ 1.0
V
DDPB
+ 0.05
V


Similar Part No. - XC2320D

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2300 TOREX-XC2300 Datasheet
260Kb / 6P
   Tri-State Buffer ICs
XC2300 TOREX-XC2300 Datasheet
235Kb / 7P
   Tri-State Buffer ICs
logo
Infineon Technologies A...
XC2300 INFINEON-XC2300 Datasheet
1Mb / 62P
   16/32-Bit Single-Chip Microcontroller
V1.9 2014-10
logo
Torex Semiconductor
XC2300-12 TOREX-XC2300-12 Datasheet
132Kb / 7P
   Tri-State Buffer ICs
XC2300C21VML TOREX-XC2300C21VML Datasheet
260Kb / 6P
   Tri-State Buffer ICs
More results

Similar Description - XC2320D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
XC2787X INFINEON-XC2787X Datasheet
1Mb / 144P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
XC236X INFINEON-XC236X Datasheet
4Mb / 99P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
XC2785X INFINEON-XC2785X Datasheet
1Mb / 136P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC226X INFINEON-XC226X Datasheet
2Mb / 101P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Feb. 2007
XC2288H INFINEON-XC2288H_11 Datasheet
1Mb / 151P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2011-07
XC2232N INFINEON-XC2232N_13 Datasheet
2Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
XC2764X INFINEON-XC2764X Datasheet
1Mb / 125P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-04
XC2298H INFINEON-XC2298H Datasheet
1Mb / 157P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com