Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5110TBI-50GT3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT5110TBI-50GT3
Description  32?릘ap Digital Potentiometers (POTs)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5110TBI-50GT3 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT5110TBI-50GT3 Datasheet HTML 1Page - ON Semiconductor CAT5110TBI-50GT3 Datasheet HTML 2Page - ON Semiconductor CAT5110TBI-50GT3 Datasheet HTML 3Page - ON Semiconductor CAT5110TBI-50GT3 Datasheet HTML 4Page - ON Semiconductor CAT5110TBI-50GT3 Datasheet HTML 5Page - ON Semiconductor CAT5110TBI-50GT3 Datasheet HTML 6Page - ON Semiconductor CAT5110TBI-50GT3 Datasheet HTML 7Page - ON Semiconductor CAT5110TBI-50GT3 Datasheet HTML 8Page - ON Semiconductor CAT5110TBI-50GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125
http://onsemi.com
3
Table 3. ELECTRICAL CHARACTERISTICS
(VDD = 2.7 V to 5.5 V, VH = VDD, VL = 0, TA = −40C to +85C. Typical values are at VDD = 2.7 V, TA = 25C, unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
DC PERFORMANCE
Resolution
32
Taps
End-to-End Resistance (−00)
80
100
120
kW
End-to-End Resistance (−50)
40
50
60
End-to-End Resistance (−10)
8
10
12
End-to-End Resistance Tempco
TCR
CAT5110/18/19
200
ppm/C
CAT5123/24/25
30
300
Ratiometric Resistance Tempco
5
ppm/C
Integral Nonlinearity
INL
0.5
1
LSB
Differential Nonlinearity
DNL
1
LSB
Full-Scale Error
0.1
LSB
Zero-Scale Error
1
LSB
Wiper Resistance
RW
CAT5110/18/19
200
600
W
CAT5123/24/25
80
200
DIGITAL INPUTS
Input High Voltage
VIH
0.7 x VDD
V
Input Low Voltage
VIL
0.3 x VDD
V
TIMING CHARACTERISTICS (Figures 7, 8)
U/D Mode to CS Setup
tCU
25
ns
CS to U/D Step Setup
tCI
50
ns
CS to U/D Step Hold
tIC
25
ns
U/D Step Low Period
tIL
25
ns
U/D Step High Period
tIH
25
ns
Up/Down Toggle Rate (Note 2)
fTOGGLE
1
MHz
Output Settling Time (Note 3)
tSETTLE
100 kW variable resistor
configuration, CL = 10 pF
1
ms
100 kW potentiometer
configuration, CL = 10 pF
0.25
POWER SUPPLY
Supply Voltage
VDD
2.7
5.5
V
Active Supply Current (Note 4)
IDD
25
mA
Standby Supply Current (Note 5)
ISB
VDD = +5 V
0.3
1
mA
2. Up/Down Toggle Rate: fTOGGLE = 1 / tSETTLE
3. Typical settling times are dependent on end-to-end resistance.
4. Supply current measureed while changing wiper tap, fTOGGLE = 1 MHz.
5. Supply current measureed while wiper position is fixed.


Similar Part No. - CAT5110TBI-50GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5110TBI-50GT3 CATALYST-CAT5110TBI-50GT3 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5110TBI-50GT3 ONSEMI-CAT5110TBI-50GT3 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5110TBI-50GT3 ONSEMI-CAT5110TBI-50GT3 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5110TBI-50GT3 ONSEMI-CAT5110TBI-50GT3 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5110TBI-50GT3 ONSEMI-CAT5110TBI-50GT3 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
More results

Similar Description - CAT5110TBI-50GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5124 ONSEMI-CAT5124_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5110 ONSEMI-CAT5110_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5119 ONSEMI-CAT5119_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5125 ONSEMI-CAT5125_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5127 ONSEMI-CAT5127_13 Datasheet
173Kb / 10P
   32?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 7
CAT5123 ONSEMI-CAT5123_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
N57L5125 ONSEMI-N57L5125 Datasheet
83Kb / 8P
   32?릘ap Digital Potentiometers (POTs)
August, 2016 ??Rev. P0
CAT5121 ONSEMI-CAT5121_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5122 ONSEMI-CAT5122_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5120 ONSEMI-CAT5120_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com