Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5111YI-00-GT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT5111YI-00-GT3
Description  100?릘ap Digital Potentiometer (POT)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5111YI-00-GT3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT5111YI-00-GT3 Datasheet HTML 1Page - ON Semiconductor CAT5111YI-00-GT3 Datasheet HTML 2Page - ON Semiconductor CAT5111YI-00-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5111YI-00-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5111YI-00-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5111YI-00-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5111YI-00-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5111YI-00-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5111YI-00-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CAT5111
http://onsemi.com
2
DEVICE MARKING INFORMATION
AARL = CAT5111ZI−10−T3
AAPT = CAT5111ZI−50−T3
AAPX = CAT5111ZI−00−T3
Y = Production Year (Last Digit)
M = Production Month (1−9, A, B, C)
P = Product Revision
R = Resistance:
2 = 10 kW
4 = 50 kW
5 = 100 kW
L = Assembly Location
4 = Lead Finish − NiPdAu
A = Product Revision (Fixed as “A”)
CAT5111L = Device Code (PDIP)
CAT5111V = Device Code (SOIC)
T = Temperature Range (Industrial)
Y = Production Year (Last Digit)
M = Production Month (1−9, A, B, C)
XXXX = Last Four Digits of Assembly Lot Number
A1 = Device Code
R = Resistance:
2 = 10 kW
4 = 50 kW
5 = 100 kW
L = Assembly Location
4 = Lead Finish − NiPdAu
Y = Production Year (Last Digit)
M = Production Month (1−9, A, B, C)
XXX = Last Three Digits of
XXX = Assembly Lot Number
TSSOP
PDIP
SOIC
MSOP
RL4A
CAT5111LT
YMXXXX
RL4A
CAT5111VT
YMXXXX
AARL
YMP
A1RL
4YMXXX
Figure 1. Functional Diagram
Figure 2. Electronic Potentiometer Implementation
Control
and
Memory
Power On Recall
GND
+
+
U/D
INC
CS
VCC
RWB
RH
RL
RWB
RL
RH


Similar Part No. - CAT5111YI-00-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5111YI-00-GT3 ONSEMI-CAT5111YI-00-GT3 Datasheet
253Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2008 Rev. S
More results

Similar Description - CAT5111YI-00-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5113LI-01 ONSEMI-CAT5113LI-01 Datasheet
182Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
CAT5113VI01 ONSEMI-CAT5113VI01 Datasheet
214Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
CAT5113ZI10 ONSEMI-CAT5113ZI10 Datasheet
204Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
CAT5113V-10 ONSEMI-CAT5113V-10 Datasheet
182Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
CAT5116LI ONSEMI-CAT5116LI Datasheet
165Kb / 11P
   Log?릘aper, 100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 14
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
CAT5112VI-10 ONSEMI-CAT5112VI-10 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 16
N57M5114 ONSEMI-N57M5114 Datasheet
123Kb / 13P
   32?릘ap Digital Potentiometer (POT)
August, 2016 ??Rev. P0
CAT5115 ONSEMI-CAT5115_13 Datasheet
200Kb / 12P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 11
CAT5126 ONSEMI-CAT5126_13 Datasheet
168Kb / 9P
   One?릘ime Digital 32?릘ap Potentiometer (POT)
June, 2013 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com