Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5115LI-00-G Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT5115LI-00-G
Description  32?릘ap Digital Potentiometer (POT)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5115LI-00-G Datasheet(HTML) 2 Page - ON Semiconductor

  CAT5115LI-00-G Datasheet HTML 1Page - ON Semiconductor CAT5115LI-00-G Datasheet HTML 2Page - ON Semiconductor CAT5115LI-00-G Datasheet HTML 3Page - ON Semiconductor CAT5115LI-00-G Datasheet HTML 4Page - ON Semiconductor CAT5115LI-00-G Datasheet HTML 5Page - ON Semiconductor CAT5115LI-00-G Datasheet HTML 6Page - ON Semiconductor CAT5115LI-00-G Datasheet HTML 7Page - ON Semiconductor CAT5115LI-00-G Datasheet HTML 8Page - ON Semiconductor CAT5115LI-00-G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CAT5115
http://onsemi.com
2
Functional Diagram
Figure 1. General
Figure 2. Detailed
Figure 3. Electronic
Potentiometer
Implementation
Control
and
Power−On
Recall
GND
GND
RL
RW
RH
VCC
U/D
CS
INC
U/D
CS
INC
VDD
RW/VW
RH/VH
RL/VL
RH
RW
RL
Table 1. PIN DESCRIPTIONS
Name
Function
INC
Increment Control
U/D
Up/Down Control
RH
Potentiometer High Terminal
GND
Ground
RW
Buffered Wiper Terminal
RL
Potentiometer Low Terminal
CS
Chip Select
VCC
Supply Voltage
Pin Function
INC: Increment Control Input
The INC input moves the wiper in the up or down direction
determined by the condition of the U/D input.
U/D: Up/Down Control Input
The U/D input controls the direction of the wiper movement.
When in a high state and CS is low, any high-to-low
transition on INC will cause the wiper to move one
increment toward the RH terminal. When in a low state and
CS is low, any high-to-low transition on INC will cause the
wiper to move one increment towards the RL terminal.
RH: High End Potentiometer Terminal
RH is the high end terminal of the potentiometer. It is not
required that this terminal be connected to a potential greater
than the RL terminal. Voltage applied to the RH terminal
cannot exceed the supply voltage, VCC or go below ground,
GND.
RW: Wiper Potentiometer Terminal
RW is the wiper terminal of the potentiometer. Its position on
the resistor array is controlled by the control inputs, INC,
U/D and CS. Voltage applied to the RW terminal cannot
exceed the supply voltage, VCC or go below ground, GND.
RL: Low End Potentiometer Terminal
RL is the low end terminal of the potentiometer. It is not
required that this terminal be connected to a potential less
than the RH terminal. Voltage applied to the RL terminal
cannot exceed the supply voltage, VCC or go below ground,
GND. RL and RH are electrically interchangeable.
CS: Chip Select
The chip select input is used to activate the control input of
the CAT5115 and is active low. When in a high state, activity
on the INC and U/D inputs will not affect or change the
position of the wiper.
Device Operation
The CAT5115 operates like a digitally controlled
potentiometer with RH and RL equivalent to the high and low
terminals and RW equivalent to the mechanical
potentiometer’s wiper. There are 32 available tap positions
including the resistor end points, RH and RL. There are 31
resistor elements connected in series between the RH and RL
terminals. The wiper terminal is connected to one of the 32
taps and controlled by three inputs, INC, U/D and CS. These
inputs control a five-bit up/down counter whose output is
decoded to select the wiper position.
With CS set LOW the CAT5115 is selected and will
respond to the U/D and INC inputs. HIGH to LOW
transitions on INC will increment or decrement the wiper
(depending on the state of the U/D input and five-bit
counter). The wiper, when at either fixed terminal, acts like
its mechanical equivalent and does not move beyond the last
position. When the CAT5115 is powered-down, the wiper
position is reset. When power is restored, the counter is set
to the mid point, tap 15.


Similar Part No. - CAT5115LI-00-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5115LI-00-G CATALYST-CAT5115LI-00-G Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5115LI-00-G ONSEMI-CAT5115LI-00-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5115LI-00-G ONSEMI-CAT5115LI-00-G Datasheet
286Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2117 Rev. J
More results

Similar Description - CAT5115LI-00-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
CAT5112VI-10 ONSEMI-CAT5112VI-10 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 16
N57M5114 ONSEMI-N57M5114 Datasheet
123Kb / 13P
   32?릘ap Digital Potentiometer (POT)
August, 2016 ??Rev. P0
CAT5126 ONSEMI-CAT5126_13 Datasheet
168Kb / 9P
   One?릘ime Digital 32?릘ap Potentiometer (POT)
June, 2013 ??Rev. 4
CAT5112VI-50 ONSEMI-CAT5112VI-50 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT) ith Buffered Wiper
June, 2013 ??Rev. 16
N57M5127 ONSEMI-N57M5127_18 Datasheet
89Kb / 9P
   32?릘ap Digital Potentiometer (POT) with Wiper Storage
March, 2018 ??Rev. 0
CAT5128 ONSEMI-CAT5128_13 Datasheet
158Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
CAT5113LI-01 ONSEMI-CAT5113LI-01 Datasheet
182Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
CAT5112VI10 ONSEMI-CAT5112VI10 Datasheet
201Kb / 10P
   32?릘ap Digital Potentiometer (POT) with Buffered Wiper
June, 2013 ??Rev. 16
N57L5128 ONSEMI-N57L5128 Datasheet
79Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
August, 2016 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com