Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7WBD3305USG Datasheet(PDF) 5 Page - ON Semiconductor

Part # 7WBD3305USG
Description  2-Bit Translating Bus Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7WBD3305USG Datasheet(HTML) 5 Page - ON Semiconductor

  7WBD3305USG Datasheet HTML 1Page - ON Semiconductor 7WBD3305USG Datasheet HTML 2Page - ON Semiconductor 7WBD3305USG Datasheet HTML 3Page - ON Semiconductor 7WBD3305USG Datasheet HTML 4Page - ON Semiconductor 7WBD3305USG Datasheet HTML 5Page - ON Semiconductor 7WBD3305USG Datasheet HTML 6Page - ON Semiconductor 7WBD3305USG Datasheet HTML 7Page - ON Semiconductor 7WBD3305USG Datasheet HTML 8Page - ON Semiconductor 7WBD3305USG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
7WBD3305
http://onsemi.com
5
TYPICAL DC CHARACTERISTICS
Figure 5. Output Voltage High vs Supply Voltage
VCC, SUPPLY VOLTAGE (V)
3.75
3.50
3.25
3.00
2.75
2.50
2.25
2.00
4.50
4.75
5.00
5.25
5.50
5.75
IOH =
−0.1 mA
−6 mA
−12 mA
−24 mA
VCC, SUPPLY VOLTAGE (V)
3.75
3.50
3.25
3.00
2.75
2.50
2.25
2.00
4.50
4.75
5.00
5.25
5.50
5.75
IOH =
−0.1 mA
−6 mA
−12 mA
−24 mA
VCC, SUPPLY VOLTAGE (V)
3.75
3.50
3.25
3.00
2.75
2.50
2.25
2.00
4.50
4.75
5.00
5.25
5.50
5.75
IOH =
−0.1 mA
−6 mA
−12 mA
−24 mA
TA = +85°C
VIN = VCC
TA = +25°C
VIN = VCC
TA = −40°C
VIN = VCC


Similar Part No. - 7WBD3305USG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7WBD3305USG ONSEMI-7WBD3305USG Datasheet
186Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
More results

Similar Description - 7WBD3305USG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7WBD3306 ONSEMI-7WBD3306_14 Datasheet
119Kb / 13P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3305 ONSEMI-7WBD3305 Datasheet
186Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3125 ONSEMI-7WBD3125 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3306 ONSEMI-7WBD3306 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3126 ONSEMI-7WBD3126 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3126 ONSEMI-7WBD3126_14 Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3125 ONSEMI-7WBD3125_14 Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
logo
Analog Devices
ADG3247 AD-ADG3247_V01 Datasheet
12Mb / 12P
   2.5V/3.3V, 16-Bit, 2-Port Level Translating, Bus Switch
Rev. B
ADG3245 AD-ADG3245_15 Datasheet
324Kb / 12P
   2.5V/3.3V 8 Bit 2 Port Level Translating Bus Switch
REV. B
logo
ON Semiconductor
7WBD383 ONSEMI-7WBD383_14 Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com