Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7WBD3126USG Datasheet(PDF) 2 Page - ON Semiconductor

Part # 7WBD3126USG
Description  2-Bit Translating Bus Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7WBD3126USG Datasheet(HTML) 2 Page - ON Semiconductor

  7WBD3126USG Datasheet HTML 1Page - ON Semiconductor 7WBD3126USG Datasheet HTML 2Page - ON Semiconductor 7WBD3126USG Datasheet HTML 3Page - ON Semiconductor 7WBD3126USG Datasheet HTML 4Page - ON Semiconductor 7WBD3126USG Datasheet HTML 5Page - ON Semiconductor 7WBD3126USG Datasheet HTML 6Page - ON Semiconductor 7WBD3126USG Datasheet HTML 7Page - ON Semiconductor 7WBD3126USG Datasheet HTML 8Page - ON Semiconductor 7WBD3126USG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
7WBD3126
http://onsemi.com
2
OE1
1
VCC
A1
GND
2
3
8
7
6
45
B2
OE2
B1
A2
Figure 1. UDFN8
(Top Thru−View)
Figure 2. UQFN8
(Top Thru−View)
12
3
4
76
5
8
OE2
B1
A2
A1
B2
VCC
GND
Figure 3. US8/Micro8
(Top View)
OE1
A1
GND
B2
VCC
OE2
B1
A2
OE1
1
2
3
4
8
7
6
5
Figure 4. Logic Diagram
A1
OE1
B1
A2
OE2
B2
FUNCTION TABLE
Input OEn
Function
L
Disconnect
H
Bn = An


Similar Part No. - 7WBD3126USG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7WBD3126USG ONSEMI-7WBD3126USG Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
More results

Similar Description - 7WBD3126USG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7WBD3305 ONSEMI-7WBD3305_14 Datasheet
107Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3306 ONSEMI-7WBD3306_14 Datasheet
119Kb / 13P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
7WBD3305 ONSEMI-7WBD3305 Datasheet
186Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3125 ONSEMI-7WBD3125 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3306 ONSEMI-7WBD3306 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3126 ONSEMI-7WBD3126 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
7WBD3125 ONSEMI-7WBD3125_14 Datasheet
108Kb / 12P
   2-Bit Translating Bus Switch
October, 2014 ??Rev. 2
logo
Analog Devices
ADG3247 AD-ADG3247_V01 Datasheet
12Mb / 12P
   2.5V/3.3V, 16-Bit, 2-Port Level Translating, Bus Switch
Rev. B
ADG3245 AD-ADG3245_15 Datasheet
324Kb / 12P
   2.5V/3.3V 8 Bit 2 Port Level Translating Bus Switch
REV. B
logo
ON Semiconductor
7WBD383 ONSEMI-7WBD383_14 Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com