Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7WB3125 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 7WB3125
Description  2-Bit Bus Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7WB3125 Datasheet(HTML) 4 Page - ON Semiconductor

  7WB3125 Datasheet HTML 1Page - ON Semiconductor 7WB3125 Datasheet HTML 2Page - ON Semiconductor 7WB3125 Datasheet HTML 3Page - ON Semiconductor 7WB3125 Datasheet HTML 4Page - ON Semiconductor 7WB3125 Datasheet HTML 5Page - ON Semiconductor 7WB3125 Datasheet HTML 6Page - ON Semiconductor 7WB3125 Datasheet HTML 7Page - ON Semiconductor 7WB3125 Datasheet HTML 8Page - ON Semiconductor 7WB3125 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
7WB3125
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
VCC
(V)
TA = 255C
TA =
−55
5C to +1255C
Unit
Min
Typ
Max
Min
Max
VIK
Clamp Diode Voltage
II/O = −18 mA
4.5
−1.2
−1.2
V
VIH
High−Level Input Voltage
(Control)
4.0 to
5.5
2.0
2.0
V
VIL
Low−Level Input Voltage
(Control)
4.0 to
5.5
0.8
0.8
V
VOH
Output Voltage High
See Figure 4
IIN
Input Leakage Current
0
v VIN v 5.5 V
5.5
$0.1
$1.0
mA
IOFF
Power Off Leakage Current
VI/O = 0 to 5.5 V
0
$0.1
$1.0
mA
ICC
Quiescent Supply Current
IO = 0,
VIN = VCC or 0 V
5.5
$0.1
$1.0
mA
DICC
Increase in Supply Current
(Control Pin)
One input at 3.4 V;
Other inputs at
VCC or GND
5.5
2.5
mA
RON
Switch ON Resistance
VI/O = 0,
II/O = 64 mA
II/O = 30 mA
4.5
3
3
7
7
7
7
W
VI/O = 2.4,
II/O = 15 mA
6
15
15
VI/O = 2.4,
II/O = 15 mA
4.0
10
20
20
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Condition
VCC
(V)
TA = 25 5C
TA =
−55
5C to +1255C
Unit
Min
Typ
Max
Min
Max
tPD
Propagation Delay, Bus to Bus
See Figure 5
4.0 to
5.5
0.25
0.25
ns
tEN
Output Enable Time
See Figure 5
4.5 to
5.5
0.8
2.5
4.2
0.8
4.2
ns
4.0
0.8
3.0
4.6
0.8
4.6
tDIS
Output Disable Time
4.5 to
5.5
0.8
3.0
4.8
0.8
4.8
ns
4.0
0.8
2.9
4.4
0.8
4.4
CIN
Control Input Capacitance
VIN = 5 or 0 V
5.0
2.5
pF
CIO(ON)
Switch On Capacitance
Switch ON
5.0
10
pF
CIO(OFF)
Switch Off Capacitance
Switch OFF
5.0
5
pF


Similar Part No. - 7WB3125

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7WB3125 ONSEMI-7WB3125 Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WB3125AMX1TCG ONSEMI-7WB3125AMX1TCG Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WB3125BMX1TCG ONSEMI-7WB3125BMX1TCG Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WB3125CMX1TCG ONSEMI-7WB3125CMX1TCG Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WB3125DMR2G ONSEMI-7WB3125DMR2G Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
More results

Similar Description - 7WB3125

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLV3306 NEXPERIA-74CBTLV3306 Datasheet
844Kb / 17P
   2-bit bus switch
logo
ON Semiconductor
7WB3305 ONSEMI-7WB3305_14 Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3305 ONSEMI-7WB3305 Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WB3306 ONSEMI-7WB3306_14 Datasheet
98Kb / 11P
   2-Bit Bus Switch
October, 2014 ??Rev. 3
7WB3126 ONSEMI-7WB3126_14 Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3306DTR2G ONSEMI-7WB3306DTR2G Datasheet
146Kb / 12P
   2-Bit Bus Switch
December, 2010 ??Rev. 2
7WB3126 ONSEMI-7WB3126 Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WB3306 ONSEMI-7WB3306 Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WB3125 ONSEMI-7WB3125 Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WBD3126 ONSEMI-7WBD3126 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com