Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2723X Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # XC2723X
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2723X Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button XC2723X Datasheet HTML 39Page - Infineon Technologies AG XC2723X Datasheet HTML 40Page - Infineon Technologies AG XC2723X Datasheet HTML 41Page - Infineon Technologies AG XC2723X Datasheet HTML 42Page - Infineon Technologies AG XC2723X Datasheet HTML 43Page - Infineon Technologies AG XC2723X Datasheet HTML 44Page - Infineon Technologies AG XC2723X Datasheet HTML 45Page - Infineon Technologies AG XC2723X Datasheet HTML 46Page - Infineon Technologies AG XC2723X Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 109 page
background image
XC2723X
XC2000 Family / Econo Line
Functional Description
Data Sheet
39
V1.2, 2012-07
With its maximum resolution of 2 system clock cycles, the GPT2 module provides
precise event control and time measurement. It includes two timers (T5, T6) and a
capture/reload register (CAPREL). Both timers can be clocked with an input clock which
is derived from the CPU clock via a programmable prescaler or with external signals. The
counting direction (up/down) for each timer can be programmed by software or altered
dynamically with an external signal on a port pin (TxEUD). Concatenation of the timers
is supported with the output toggle latch (T6OTL) of timer T6, which changes its state on
each timer overflow/underflow.
The state of this latch may be used to clock timer T5, and/or it may be output on pin
T6OUT. The overflows/underflows of timer T6 can also be used to clock the CAPCOM2
timers and to initiate a reload from the CAPREL register.
The CAPREL register can capture the contents of timer T5 based on an external signal
transition on the corresponding port pin (CAPIN); timer T5 may optionally be cleared
after the capture procedure. This allows the XC2723X to measure absolute time
differences or to perform pulse multiplication without software overhead.
The capture trigger (timer T5 to CAPREL) can also be generated upon transitions of
GPT1 timer T3 inputs T3IN and/or T3EUD. This is especially advantageous when T3
operates in Incremental Interface Mode.


Similar Part No. - XC2723X

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2700 INFINEON-XC2700 Datasheet
1Mb / 62P
   16/32-Bit Single-Chip Microcontroller
V1.7 2014-10
XC2733X INFINEON-XC2733X Datasheet
2Mb / 112P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2015-02
XC2733X INFINEON-XC2733X_15 Datasheet
2Mb / 112P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2015-02
XC2734X INFINEON-XC2734X Datasheet
1Mb / 106P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
XC2734X-40FxL INFINEON-XC2734X-40FxL Datasheet
2Mb / 106P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5, 2013-02
More results

Similar Description - XC2723X

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
XC2787X INFINEON-XC2787X Datasheet
1Mb / 144P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
XC236X INFINEON-XC236X Datasheet
4Mb / 99P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
XC2785X INFINEON-XC2785X Datasheet
1Mb / 136P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC226X INFINEON-XC226X Datasheet
2Mb / 101P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Feb. 2007
XC2288H INFINEON-XC2288H_11 Datasheet
1Mb / 151P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2011-07
XC2232N INFINEON-XC2232N_13 Datasheet
2Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
XC2764X INFINEON-XC2764X Datasheet
1Mb / 125P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-04
XC2298H INFINEON-XC2298H Datasheet
1Mb / 157P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com