Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3021 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # SI3021
Description  3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI3021 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button SI3021 Datasheet HTML 21Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 22Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 23Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 24Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 25Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 26Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 27Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 28Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
Si3035
Rev. 1.2
25
AOUT signal can be set to –20 dB, –26 dB, –32 dB, or
mute. The receive portion of the AOUT signal can be
set to 0 dB, –6 dB, –12 dB, or mute. Figure 17 on page
17 illustrates a recommended application circuit. In the
configuration shown, the LM386 provides a gain of
26 dB. Additional gain adjustments may be made by
varying the voltage divider created by R1 and R3 of
Figure 17.
On-Hook Line Monitor
The Si3035 allows the user to detect line activity when
the device is in an on-hook state. When the system is
on-hook, the line data can be passed to the DSP across
the serial port while drawing a small amount of DC
current from the line. This feature is similar to the
passing of line information (such as caller ID), while
on-hook, following a ring signal detection. To activate
this feature, set the ONHM bit in Register 5.
The on-hook line monitor can also be used to detect
whether a phone line is physically connected to the
Si3012 and associated circuitry. When the on-hook line
monitor is activated (if no line is connected), the output
of SDO will move towards a negative full scale value
(–32768). The value is guaranteed to be at least 89% of
negative full scale.
If a line is present while in on-hook line monitor mode,
SDO will have a near zero value. The designer must
allow for the group delay of the receive filter (12/Fs)
before making a decision.
Loop Current Monitor
When the system is in an off-hook state, the LCS bits of
Register 12 indicate the approximate amount of DC
loop current that is flowing in the loop. The LCS is a
4-bit value ranging from zero to fifteen. Each unit
represents approximately 6 mA of loop current from
LCS codes 1–14. The typical LCS transfer function is
shown in Figure 24.
Figure 24. Typical LCS Transfer Function
An LCS value of zero means the loop current is less
than required for normal operation and the system
should be on-hook. Typically, an LCS value of 15 means
the loop current is greater than 155 mA.
The LCS detector has a built-in hysteresis of 2 mA of
current. This allows for a stable LCS value when the
loop current is near a transition level. The LCS value is
a rough approximation of the loop current, and the
designer is advised to use this value in a relative means
rather than an absolute value.
This feature enables the host processor to detect if an
additional line has “picked up” while the modem is
transferring information. In the case of a second phone
going off-hook, the loop current falls approximately 50%
and is reflected in the value of the LCS bits.
Multiple Device Support
The Si3035 supports the operation of up to seven
additional devices on a single serial interface.
Figure 25
on page 27 shows the typical connection of the Si3035
and one additional serial voice codec (Si3000).
The Si3035 must be the master in this configuration. The
secondary codec should be configured as a slave device
with SCLK and FSYNC as inputs. On power up, the
Si3035 master will be unaware of the additional codec
on the serial bus. The FC/RGDT pin is an input,
operating as the hardware control for secondary frames.
The RGDT/FSD pin is an output, operating as the active
low ring detection signal. It is recommended that the
master device be programmed for master/slave mode
prior to enabling the ISOcap, because a ring signal
would cause a false transition to the slave device’s
FSYNC.
Register 14 provides the necessary control bits to
configure the Si3035 for master/slave operation. Bit 0
(DCE) sets the Si3035 in master/slave mode, also
referred to as daisy-chain mode. When the DCE bit is
set, the FC/RGDT pin becomes the ring detect output
and the RGDT/FSD pin becomes the frame sync delay
output.
Bits 7:5 (NSLV2:NSLV0) set the number of slaves to be
supported on the serial bus. For each slave, the Si3035
will generate a FSYNC to the DSP. In daisy-chain mode,
the polarity of the ring signal can be controlled by bit 1
(RPOL). When RPOL = 1, the ring detect signal (now
output on the FC/RGDT pin) is active high.
The Si3035 supports a variety of codecs (e.g., Si3000)
as well as additional Si3035s. The type of slave codec(s)
used is set by bits 4:3 (SSEL1:SSEL0). These bits
determine the type of signalling used in the LSB of SDO.
This assists the DSP in isolating which data stream is
the master and which is the slave. If the LSB is used for
0
5
10
15
LC S
BIT
0
6 12 18 24 30 36 42 48 54 60 66 72
155
78 84 90 96
Loop C urrent (m A)


Similar Part No. - SI3021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3021-BS ETC1-SI3021-BS Datasheet
1Mb / 64P
   GLOBAL MC 97 SILICON DAA
SI3021-KS ETC1-SI3021-KS Datasheet
1Mb / 64P
   GLOBAL MC 97 SILICON DAA
SI3021-KT ETC1-SI3021-KT Datasheet
1Mb / 64P
   GLOBAL MC 97 SILICON DAA
More results

Similar Description - SI3021

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3016 SILABS-SI3016 Datasheet
972Kb / 50P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3010-KS ETC2-SI3010-KS Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com