Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HDF911F11 Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part No. HDF911F11
Description  Only leads of component may be soldered. Please avoid soldering another part of component
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF911F11 Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  HDF911F11 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF911F11 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF911F11 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF911F11 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF911F11 Datasheet HTML 5Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAW FILTER
HDF911
F11
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 4 of 5
3.3 Electronic Characteristics
Item
Specification
Center Frequency(fo)
911.5MHz
Insertion Loss(dB)
1.)911.5 MHz
2.)869-873 MHz
3.)888-892 MHz
4.)934-937 MHz
5.)955-960 MHz
6.)900 MHz
4.5 max
40 min
35 min
20 min
40 min
20 min.
Ripple deviation (907-916MHz)(dB)
1.5max
Input/output Impedance(Nominal)
50Ω
3.4 Frequency Characteristics
3.5 Test Circuit


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn