Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HDF911F11 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part No. HDF911F11
Description  Only leads of component may be soldered. Please avoid soldering another part of component
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF911F11 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDF911F11 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF911F11 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF911F11 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF911F11 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF911F11 Datasheet HTML 5Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SAW FILTER
HDF911
F11
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 3 of 5
1. Package Dimension
Unit:mm
(F-11)
2. Marking
HD F911
1.Color: Black or Blue
2.911.5: Center Frequency(MHz)
3. Performance
3.1 Application
Low-Loss SAW Filter of cordless system.
Center Frequency:911.5MHz
3.2 Maximum Rating
Operation Temperature Range
-40℃ to +85℃
Storage Temperature Range
-40℃to +85℃
DC. Permissive Voltage
0 V DC. max.
Maximum Input Power
5dBm


Similar Part No. - HDF911F11

ManufacturerPart No.DatasheetDescription
Shoulder Electronics Limited.
Shoulder Electronics Li...
HDF912AN1S6 SHOULDER-HDF912AN1S6 Datasheet
223Kb / 9P
   Low-Loss SAW Filter of cordless system
HDF9145AF11 SHOULDER-HDF9145AF11 Datasheet
113Kb / 5P
   Center Frequency:914.5MHz
HDF915A1S6 SHOULDER-HDF915A1S6 Datasheet
159Kb / 9P
   Low-Loss SAW Filter of cordless system
HDF915ANS6 SHOULDER-HDF915ANS6 Datasheet
178Kb / 8P
   The tape shall be wound around the reel in the direction shown below
HDF915ATS6 SHOULDER-HDF915ATS6 Datasheet
177Kb / 8P
   The product shall be packed properly not to be damaged during transportation and storage
More results

Similar Description - HDF911F11

ManufacturerPart No.DatasheetDescription
Shoulder Electronics Limited.
Shoulder Electronics Li...
HDF173075MF11 SHOULDER-HDF173075MF11 Datasheet
142Kb / 6P
   Only leads of component may be solded, Please avoid soldering another part of component
HDF433CS4 SHOULDER-HDF433CS4 Datasheet
162Kb / 8P
   Ultrasonic vibration may cause deterioration & destruction of the component
PHOENIX CONTACT
PHOENIX CONTACT
2802316 PHOENIX-2802316 Datasheet
62Kb / 4P
   Component connector - ST-BE
09/12/2020
102981 PHOENIX-102981 Datasheet
937Kb / 45P
   Installation component housing of the BCseries
AVAGO TECHNOLOGIES LIMITED
AVAGO TECHNOLOGIES LIMI...
AEAT-84AD AVAGO-AEAT-84AD Datasheet
393Kb / 10P
   Major component of Multi-turn housed encoder
PHOENIX CONTACT
PHOENIX CONTACT
3035687 PHOENIX-3035687 Datasheet
294Kb / 25P
   Component terminal block - PTME 6-BE
09/11/2020
3035688 PHOENIX-3035688 Datasheet
519Kb / 21P
   Component terminal block - STME 6-BE
3074444 PHOENIX-3074444 Datasheet
507Kb / 21P
   Component terminal block - UTTB 4-BE
3038752 PHOENIX-3038752 Datasheet
88Kb / 8P
   Component terminal block - ST 2,5-QUATTRO-BE
List of Unclassifed Manufacturers
List of Unclassifed Man...
16110 ETC2-16110 Datasheet
274Kb / 17P
   LCD Component
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz