Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE161FU Datasheet(PDF) 85 Page - Infineon Technologies AG

Part # XE161FU
Description  Real Time Signal Controller
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XE161FU Datasheet(HTML) 85 Page - Infineon Technologies AG

Back Button XE161FU Datasheet HTML 81Page - Infineon Technologies AG XE161FU Datasheet HTML 82Page - Infineon Technologies AG XE161FU Datasheet HTML 83Page - Infineon Technologies AG XE161FU Datasheet HTML 84Page - Infineon Technologies AG XE161FU Datasheet HTML 85Page - Infineon Technologies AG XE161FU Datasheet HTML 86Page - Infineon Technologies AG XE161FU Datasheet HTML 87Page - Infineon Technologies AG XE161FU Datasheet HTML 88Page - Infineon Technologies AG XE161FU Datasheet HTML 89Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 106 page
background image
XE161FU
XE166 Family / Compact Line
Electrical Parameters
Data Sheet
79
V1.2, 2012-07
4.7.3
External Clock Input Parameters
These parameters specify the external clock generation for the XE161FU. The clock can
be generated in two ways:
By connecting a crystal or ceramic resonator to pins XTAL1/XTAL2.
By supplying an external clock signal. This clock signal can be supplied either to
pin XTAL1 (core voltage domain) or to pin CLKIN1 (IO voltage domain).
If connected to CLKIN1, the input signal must reach the defined input levels
V
IL and VIH.
If connected to XTAL1, a minimum amplitude
V
AX1 (peak-to-peak voltage) is sufficient for
the operation of the on-chip oscillator.
Note: The given clock timing parameters (
t
1 … t4) are only valid for an external clock
input signal.
Note: Operating Conditions apply.
Table 29
External Clock Input Characteristics
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Oscillator frequency
f
OSC SR
4
40
MHz
Input= Clock
Signal
4
16
MHz
Input= Crystal
or Resonator
XTAL1 input current
absolute value
|
I
IL| CC
−−
20
μA
Input clock high time
t
1 SR
6
−−
ns
Input clock low time
t
2 SR
6
−−
ns
Input clock rise time
t
3 SR
88
ns
Input clock fall time
t
4 SR
88
ns
Input voltage amplitude on
XTAL1
1)
1) The amplitude voltage
V
AX1 refers to the offset voltage VOFF. This offset voltage must be stable during the
operation and the resulting voltage peaks must remain within the limits defined by
V
IX1.
V
AX1 SR
0.3 x
V
DDIM
−−
V
f
OSC≥ 4MHz;
f
OSC≤ 16 MHz
0.4 x
V
DDIM
−−
V
f
OSC≥ 16 MHz;
f
OSC≤ 25 MHz
0.5 x
V
DDIM
−−
V
f
OSC≥ 25 MHz;
f
OSC≤ 40 MHz
Input voltage range limits
for signal on XTAL1
V
IX1 SR
-1.7 +
V
DDIM
1.7
V
2)


Similar Part No. - XE161FU

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XE161FL INFINEON-XE161FL Datasheet
2Mb / 107P
   16-Bit Single-Chip Real Time Signal Controller XE166 Family / Econo Line
V1.2 2012-07
XE161FL-12FXV INFINEON-XE161FL-12FXV Datasheet
2Mb / 107P
   16-Bit Single-Chip Real Time Signal Controller XE166 Family / Econo Line
V1.2 2012-07
XE161FL-20FXV INFINEON-XE161FL-20FXV Datasheet
2Mb / 107P
   16-Bit Single-Chip Real Time Signal Controller XE166 Family / Econo Line
V1.2 2012-07
More results

Similar Description - XE161FU

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XE162FM INFINEON-XE162FM Datasheet
1Mb / 107P
   Real Time Signal Controller
V2.1 2011-07
XE164FN INFINEON-XE164FN_13 Datasheet
3Mb / 126P
   Real Time Signal Controller
V1.4 2013-02
XE167FH INFINEON-XE167FH Datasheet
1Mb / 143P
   Real Time Signal Controller
V1.3 2011-07
XE162FN INFINEON-XE162FN_13 Datasheet
2Mb / 107P
   Real Time Signal Controller
V1.5 2013-02
SAK-XE167FM-72F80LAA INFINEON-SAK-XE167FM-72F80LAA Datasheet
1Mb / 144P
   16-Bit Single-Chip Real Time Signal Controller
V2.1 2011-07
XE166 INFINEON-XE166 Datasheet
1Mb / 62P
   16-Bit Single-Chip Real Time Signal Controller
V1.6 2014-10
XE164 INFINEON-XE164 Datasheet
1Mb / 114P
   16-Bit Single-Chip Real Time Signal Controller
V2.1, 2008-08
XE167 INFINEON-XE167 Datasheet
1Mb / 122P
   16-Bit Single-Chip Real Time Signal Controller
V2.1, Aug. 2008
XE164FN INFINEON-XE164FN Datasheet
1Mb / 126P
   16-Bit Single-Chip Real Time Signal Controller
V1.2 2010-04
XE164FM INFINEON-XE164FM_15 Datasheet
1Mb / 128P
   16-Bit Single-Chip Real Time Signal Controller
V2.1 2011-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com