Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE161FU Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # XE161FU
Description  Real Time Signal Controller
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XE161FU Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button XE161FU Datasheet HTML 22Page - Infineon Technologies AG XE161FU Datasheet HTML 23Page - Infineon Technologies AG XE161FU Datasheet HTML 24Page - Infineon Technologies AG XE161FU Datasheet HTML 25Page - Infineon Technologies AG XE161FU Datasheet HTML 26Page - Infineon Technologies AG XE161FU Datasheet HTML 27Page - Infineon Technologies AG XE161FU Datasheet HTML 28Page - Infineon Technologies AG XE161FU Datasheet HTML 29Page - Infineon Technologies AG XE161FU Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 106 page
background image
XE161FU
XE166 Family / Compact Line
Functional Description
Data Sheet
21
V1.2, 2012-07
This common memory space consists of 16 Mbytes organized as 256 segments of
64 Kbytes; each segment contains four data pages of 16 Kbytes. The entire memory
space can be accessed bytewise or wordwise. Portions of the on-chip DPRAM and the
register spaces (ESFR/SFR) additionally are directly bit addressable.
The internal data memory areas and the Special Function Register areas (SFR and
ESFR) are mapped into segment 0, the system segment.
The Program Management Unit (PMU) handles all code fetches and, therefore, controls
access to the program memories such as Flash memory and PSRAM.
The Data Management Unit (DMU) handles all data transfers and, therefore, controls
access to the DSRAM and the on-chip peripherals.
Both units (PMU and DMU) are connected to the high-speed system bus so that they can
exchange data. This is required if operands are read from program memory, code or
data is written to the PSRAM, code is fetched from external memory, or data is read from
or written to external resources. These include peripherals on the LXBus such as USIC
or MultiCAN. The system bus allows concurrent two-way communication for maximum
transfer performance.
4 Kbytes of on-chip Program SRAM (PSRAM) are provided to store user code or data.
The PSRAM is accessed via the PMU and is optimized for code fetches. A section of the
PSRAM with programmable size can be write-protected.
Reserved for DSRAM
00’8000
H
00’D7FF
H
22 Kbytes
External memory area
00’0000
H
00’7FFF
H
32 Kbytes
1) Accesses to the shaded areas are reserved. In devices with external bus interface these accesses generate
external bus accesses.
2) The areas marked with “<” are slightly smaller than indicated, see column “Notes”.
3) The uppermost 4-Kbyte sector of the first Flash segment is reserved for internal use (C0’F000
H to C0’FFFFH).
4) Several pipeline optimizations are not active within the external IO area.
Table 8
XE161FU Memory Map (cont’d)
1) (cont’d)
Address Area
Start Loc. End Loc.
Area Size
2)
Notes


Similar Part No. - XE161FU

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XE161FL INFINEON-XE161FL Datasheet
2Mb / 107P
   16-Bit Single-Chip Real Time Signal Controller XE166 Family / Econo Line
V1.2 2012-07
XE161FL-12FXV INFINEON-XE161FL-12FXV Datasheet
2Mb / 107P
   16-Bit Single-Chip Real Time Signal Controller XE166 Family / Econo Line
V1.2 2012-07
XE161FL-20FXV INFINEON-XE161FL-20FXV Datasheet
2Mb / 107P
   16-Bit Single-Chip Real Time Signal Controller XE166 Family / Econo Line
V1.2 2012-07
More results

Similar Description - XE161FU

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XE162FM INFINEON-XE162FM Datasheet
1Mb / 107P
   Real Time Signal Controller
V2.1 2011-07
XE164FN INFINEON-XE164FN_13 Datasheet
3Mb / 126P
   Real Time Signal Controller
V1.4 2013-02
XE167FH INFINEON-XE167FH Datasheet
1Mb / 143P
   Real Time Signal Controller
V1.3 2011-07
XE162FN INFINEON-XE162FN_13 Datasheet
2Mb / 107P
   Real Time Signal Controller
V1.5 2013-02
SAK-XE167FM-72F80LAA INFINEON-SAK-XE167FM-72F80LAA Datasheet
1Mb / 144P
   16-Bit Single-Chip Real Time Signal Controller
V2.1 2011-07
XE166 INFINEON-XE166 Datasheet
1Mb / 62P
   16-Bit Single-Chip Real Time Signal Controller
V1.6 2014-10
XE164 INFINEON-XE164 Datasheet
1Mb / 114P
   16-Bit Single-Chip Real Time Signal Controller
V2.1, 2008-08
XE167 INFINEON-XE167 Datasheet
1Mb / 122P
   16-Bit Single-Chip Real Time Signal Controller
V2.1, Aug. 2008
XE164FN INFINEON-XE164FN Datasheet
1Mb / 126P
   16-Bit Single-Chip Real Time Signal Controller
V1.2 2010-04
XE164FM INFINEON-XE164FM_15 Datasheet
1Mb / 128P
   16-Bit Single-Chip Real Time Signal Controller
V2.1 2011-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com