Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE162FN Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # XE162FN
Description  Real Time Signal Controller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XE162FN Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button XE162FN Datasheet HTML 4Page - Infineon Technologies AG XE162FN Datasheet HTML 5Page - Infineon Technologies AG XE162FN Datasheet HTML 6Page - Infineon Technologies AG XE162FN Datasheet HTML 7Page - Infineon Technologies AG XE162FN Datasheet HTML 8Page - Infineon Technologies AG XE162FN Datasheet HTML 9Page - Infineon Technologies AG XE162FN Datasheet HTML 10Page - Infineon Technologies AG XE162FN Datasheet HTML 11Page - Infineon Technologies AG XE162FN Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 107 page
background image
XE162FN, XE162HN
XE166 Family / Value Line
Summary of Features
Data Sheet
8
V1.5, 2013-02
On-Chip Peripheral Modules
– Two synchronizable A/D Converters with up to 9 channels, 10-bit resolution,
conversion time below 1
μs, optional data preprocessing (data reduction, range
check), broken wire detection
– 16-channel general purpose capture/compare unit (CC2)
– One capture/compare units for flexible PWM signal generation (CCU60)
– Multi-functional general purpose timer unit with 5 timers
– 6 serial interface channels to be used as UART, LIN, high-speed synchronous
channel (SPI/QSPI), IIC bus interface (10-bit addressing, 400 kbit/s), IIS interface
– On-chip MultiCAN interface (Rev. 2.0B active) with 64 message objects
(Full CAN/Basic CAN) on up to 2 CAN nodes and gateway functionality
– On-chip system timer and on-chip real time clock
Single power supply from 3.0 V to 5.5 V
Power reduction and wake-up modes
Programmable watchdog timer and oscillator watchdog
Up to 40 general purpose I/O lines
On-chip bootstrap loaders
Supported by a full range of development tools including C compilers, macro-
assembler packages, emulators, evaluation boards, HLL debuggers, simulators,
logic analyzer disassemblers, programming boards
On-chip debug support via Device Access Port (DAP) or JTAG interface
64-pin Green LQFP package, 0.5 mm (19.7 mil) pitch
Ordering Information
The ordering code for an Infineon microcontroller provides an exact reference to a
specific product. This ordering code identifies:
the derivative itself, i.e. its function set, the temperature range, and the supply voltage
the temperature range:
– SAF-…: -40°C to 85°C
– SAK-…: -40°C to 125°C
the package and the type of delivery.
For ordering codes for the XE162xN please contact your sales representative or local
distributor.


Similar Part No. - XE162FN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XE162FN INFINEON-XE162FN Datasheet
1Mb / 107P
   16-Bit Single-Chip Real Time Signal Controller XE166 Family / Value Line
V1.3 2010-04
XE162FN-16F80L INFINEON-XE162FN-16F80L Datasheet
1Mb / 107P
   16-Bit Single-Chip Real Time Signal Controller XE166 Family / Value Line
V1.3 2010-04
XE162FN-24F80L INFINEON-XE162FN-24F80L Datasheet
1Mb / 107P
   16-Bit Single-Chip Real Time Signal Controller XE166 Family / Value Line
V1.3 2010-04
XE162FN-40F80L INFINEON-XE162FN-40F80L Datasheet
1Mb / 107P
   16-Bit Single-Chip Real Time Signal Controller XE166 Family / Value Line
V1.3 2010-04
More results

Similar Description - XE162FN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XE161FU INFINEON-XE161FU Datasheet
2Mb / 106P
   Real Time Signal Controller
V1.2 2012-07
XE162FM INFINEON-XE162FM Datasheet
1Mb / 107P
   Real Time Signal Controller
V2.1 2011-07
XE164FN INFINEON-XE164FN_13 Datasheet
3Mb / 126P
   Real Time Signal Controller
V1.4 2013-02
XE167FH INFINEON-XE167FH Datasheet
1Mb / 143P
   Real Time Signal Controller
V1.3 2011-07
SAK-XE167FM-72F80LAA INFINEON-SAK-XE167FM-72F80LAA Datasheet
1Mb / 144P
   16-Bit Single-Chip Real Time Signal Controller
V2.1 2011-07
XE166 INFINEON-XE166 Datasheet
1Mb / 62P
   16-Bit Single-Chip Real Time Signal Controller
V1.6 2014-10
XE164 INFINEON-XE164 Datasheet
1Mb / 114P
   16-Bit Single-Chip Real Time Signal Controller
V2.1, 2008-08
XE167 INFINEON-XE167 Datasheet
1Mb / 122P
   16-Bit Single-Chip Real Time Signal Controller
V2.1, Aug. 2008
XE164FN INFINEON-XE164FN Datasheet
1Mb / 126P
   16-Bit Single-Chip Real Time Signal Controller
V1.2 2010-04
XE164FM INFINEON-XE164FM_15 Datasheet
1Mb / 128P
   16-Bit Single-Chip Real Time Signal Controller
V2.1 2011-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com