Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMC1404-Q048X0064 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # XMC1404-Q048X0064
Description  Microcontroller Series for Industrial Applications
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XMC1404-Q048X0064 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button XMC1404-Q048X0064 Datasheet HTML 5Page - Infineon Technologies AG XMC1404-Q048X0064 Datasheet HTML 6Page - Infineon Technologies AG XMC1404-Q048X0064 Datasheet HTML 7Page - Infineon Technologies AG XMC1404-Q048X0064 Datasheet HTML 8Page - Infineon Technologies AG XMC1404-Q048X0064 Datasheet HTML 9Page - Infineon Technologies AG XMC1404-Q048X0064 Datasheet HTML 10Page - Infineon Technologies AG XMC1404-Q048X0064 Datasheet HTML 11Page - Infineon Technologies AG XMC1404-Q048X0064 Datasheet HTML 12Page - Infineon Technologies AG XMC1404-Q048X0064 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
XMC
1400 AA-Step
XMC
1000 Family
Data Sheet
9
V1.2, 2016-08
Features
CPU subsystem
32-bit ARM Cortex-M0 CPU Core
– 0.84 DMIPS/MHz (Dhrystone 2.1) at
48 MHz
Nested Vectored Interrupt Controller
64 interrupt nodes
MATH coprocessor
– 24-bit
trigonometric
calculation
(CORDIC)
– 32-bit divide operation
2x4
channels
ERU
for
event
interconnections
On-Chip Memories
8 Kbyte ROM
16 Kbyte SRAM (with parity)
up to 200 Kbyte Flash (with ECC)
Supply, Reset and Clock
1.8 V to 5.5 V supply with power on reset
and brownout detector
On-chip clock monitor
External crystal oscillator support (32 kHz
and 4 to 20 MHz)
Internal slow and fast oscillators without
the need of PLL
System Control
Window watchdog
Real time clock module
Pseudo random number generator
Communication Peripherals
Four USIC channels, usable as
– UART (up to 12 Mb/s)
– single-SPI (up to 12 Mb/s)
– double-SPI (up to 2
× 12 Mb/s)
– quad-SPI (up to 4
× 12 Mb/s)
– IIC (up to 400 kb/s)
– IIS (up to 12 Mb/s)
– LIN interfaces (20kb/s)
LEDTS in Human-Machine interface
– up to 24 touch pads
– drive up to 144 LEDs
MultiCAN+, Full-CAN/Basic-CAN with 2
nodes, 32 message objects (up to
1 MBaud)
Analog Frontend Peripherals
A/D Converters (up to 12 analog inputs)
– 2 sample and hold stages
– fast 12-bit ADC (up to 1.1 MS/s),
adjustable gain
– 0 V to 5.5 V input range
Up
to
8
channels
out
of
range
comparators
Up to 4 fast analog comparators
Temperature Sensor
Industrial Control Peripherals
2x4 16-bit 96 MHz CCU4 timers for signal
monitoring and PWM
2x4 16-bit 96 MHz CCU8 timers for
complex PWM, complementary high/low
side switches and multi phase control
2x
POSIF
for
hall
and
quadrature
encoders, motor positioning
9 channel BCCU (brightness and color
control) for LED lighting applications
Up to 56 Input/Output Ports
1.8 V to 5.5 V capable
up to 8 high current pads (50 mA sink)
On-Chip Debug Support
4 breakpoints, 2 watchpoints
ARM serial wire debug, single-pin debug
interfaces
Programming Support
Single-pin bootloader
Secure bootstrap loader SBSL (optional)
Packages
TSSOP-38 (9.7
× 6.4 mm2)
VQFN-40/48/64 (5
×5/7×7/8×8mm2)
LQFP-64 (12
× 12 mm2)
Tools
Free DAVE™ toolchain with low
level drivers and apps
Subject to Agreement on the Use of Product Information


Similar Part No. - XMC1404-Q048X0064

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC1404-Q048 INFINEON-XMC1404-Q048 Datasheet
3Mb / 91P
   Microcontroller Series for Industrial Applications
V1.4 2017-11
More results

Similar Description - XMC1404-Q048X0064

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC4700 INFINEON-XMC4700 Datasheet
1Mb / 130P
   Microcontroller Series for Industrial Applications
V0.7 2015-10
XMC1100AB INFINEON-XMC1100AB Datasheet
1Mb / 68P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4400 INFINEON-XMC4400 Datasheet
1Mb / 103P
   Microcontroller Series for Industrial Applications
V1.2 2015-12
XMC4100 INFINEON-XMC4100 Datasheet
1Mb / 94P
   Microcontroller Series for Industrial Applications
V1.3 2015-10
XMC1400AA INFINEON-XMC1400AA Datasheet
3Mb / 91P
   Microcontroller Series for Industrial Applications
V1.4 2017-11
XMC1300AB INFINEON-XMC1300AB Datasheet
1Mb / 78P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4500 INFINEON-XMC4500_16 Datasheet
1Mb / 123P
   Microcontroller Series for Industrial Applications
V1.4 2016-01
XMC4300 INFINEON-XMC4300 Datasheet
1Mb / 102P
   Microcontroller Series for Industrial Applications
V1.0 2016-02
XMC1200AB INFINEON-XMC1200AB Datasheet
1Mb / 76P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4500 INFINEON-XMC4500 Datasheet
1Mb / 112P
   Microcontroller Series for Industrial Applications
V1.0 2013-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com