Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F5QA876M5M2QP-JA Datasheet(PDF) 3 Page - Taiyo Yuden (U.S.A.), Inc

Part # F5QA876M5M2QP-JA
Description  FBAR/SAW Devices (SAW Type)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

F5QA876M5M2QP-JA Datasheet(HTML) 3 Page - Taiyo Yuden (U.S.A.), Inc

  F5QA876M5M2QP-JA Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc F5QA876M5M2QP-JA Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc F5QA876M5M2QP-JA Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc F5QA876M5M2QP-JA Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc F5QA876M5M2QP-JA Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc F5QA876M5M2QP-JA Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc F5QA876M5M2QP-JA Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Customer Name Standard specification
TAIYO YUDEN Mobile Technology Co., Ltd.
System
Band26 Rx
Date
Dec 18, 2013
Part Number
F5QA876M5M2QP
Version 4.0d
Final
Pb-free
Pb
* Pb Free Part
MSL1
Dimensions
Device size: 1.1 typ. x 0.9 typ. x 0.5 max.
Unit : mm
Pin Configuration
Pin No.
Symbol
Function
1
IN
Single-ended pin
2
GND
Ground
3
GND
Ground
4
OUT
Single-ended pin
5
GND
Ground
Evaluation Circuit
1~5: Pin No.
1
4
2,3,5
Single-ended
Input
(50ohm)
Single-ended
Output
(50ohm)


Similar Part No. - F5QA876M5M2QP-JA

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
F5QA876M5M2QP TAIYO-YUDEN-F5QA876M5M2QP Datasheet
300Kb / 2P
   FBAR/SAW DEVICES for COMMUNICATIONS (SAW Type)
2022.03.21
More results

Similar Description - F5QA876M5M2QP-JA

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
F6QA1G900M2WD TAIYO-YUDEN-F6QA1G900M2WD Datasheet
359Kb / 8P
   FBAR/SAW Devices (SAW Type)
F6QA2G635M2QH TAIYO-YUDEN-F6QA2G635M2QH Datasheet
528Kb / 8P
   FBAR/SAW Devices (SAW Type)
F6QG1G960P2KT TAIYO-YUDEN-F6QG1G960P2KT Datasheet
245Kb / 2P
   FBAR/SAW Devices (SAW Type)
FAR-F6KA-1G7475-D4CY TAIYO-YUDEN-FAR-F6KA-1G7475-D4CY Datasheet
245Kb / 2P
   FBAR/SAW Devices (SAW Type)
F6QA1G503M2QF TAIYO-YUDEN-F6QA1G503M2QF Datasheet
245Kb / 2P
   FBAR/SAW Devices (SAW Type)
F6QA1G581M2QZ TAIYO-YUDEN-F6QA1G581M2QZ Datasheet
245Kb / 2P
   FBAR/SAW Devices (SAW Type)
F6QA1G582H2JM TAIYO-YUDEN-F6QA1G582H2JM Datasheet
245Kb / 2P
   FBAR/SAW Devices (SAW Type)
F6QA2G655M2QH TAIYO-YUDEN-F6QA2G655M2QH Datasheet
245Kb / 2P
   FBAR/SAW Devices (SAW Type)
F6QA1G474H2JS TAIYO-YUDEN-F6QA1G474H2JS Datasheet
365Kb / 7P
   FBAR/SAW Devices (SAW Type)
F6HG2G441EG65 TAIYO-YUDEN-F6HG2G441EG65 Datasheet
519Kb / 9P
   FBAR/SAW Devices (FBAR Type)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com