Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDF869AN2S6 Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # HDF869AN2S6
Description  Tensile Strength of Carrier Tape: 4.4N/mm width
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF869AN2S6 Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  HDF869AN2S6 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF869AN2S6 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF869AN2S6 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF869AN2S6 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF869AN2S6 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF869AN2S6 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF869AN2S6 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF869AN2S6 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SAW FILTER
HDF869AN2-S6
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 4 of 8
2.3 Frequency Characteristics


Similar Part No. - HDF869AN2S6

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF869ANS6 SHOULDER-HDF869ANS6 Datasheet
163Kb / 8P
   Low-Loss SAW Filter of cordless system
More results

Similar Description - HDF869AN2S6

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF374ES4 SHOULDER-HDF374ES4 Datasheet
380Kb / 9P
   Tensile Strength of Carrier Tape: 4.4N/mm width
logo
MICORO CRYSTAL SWITZERL...
CM7V-T1A-0.4 MICROCRYSTAL-CM7V-T1A-0.4 Datasheet
52Kb / 1P
   8 mm Carrier-Tape
logo
Analog Microelectronics
REEL-DFN-6D AME-REEL-DFN-6D Datasheet
27Kb / 1P
   (2x2x0.75mm) Carrier Width (W) 8.0-0.1 mm
REEL-DFN-8C AME-REEL-DFN-8C Datasheet
36Kb / 1P
   (3x3x0.75mm) Carrier Width (W) 12.0-0.1 mm
REEL-DFN-10B AME-REEL-DFN-10B Datasheet
34Kb / 1P
   (3x3x0.75mm) Carrier Width (W) 12.0-0.1 mm
REEL-SC-70-4 AME-REEL-SC-70-4 Datasheet
43Kb / 1P
   Carrier Width (W) 8.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-MSOP-8 AME-REEL-MSOP-8 Datasheet
35Kb / 1P
   Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-TO-263-2 AME-REEL-TO-263-2 Datasheet
34Kb / 1P
   Carrier Width (W) 24.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-MSOP-8PP AME-REEL-MSOP-8PP Datasheet
27Kb / 1P
   Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-MSOP-10PP AME-REEL-MSOP-10PP Datasheet
36Kb / 1P
   Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com