Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D6HQ2G655DP01-Q Datasheet(PDF) 6 Page - Taiyo Yuden (U.S.A.), Inc

Part # D6HQ2G655DP01-Q
Description  FBAR/SAW Devices (FBAR Duplexers)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

D6HQ2G655DP01-Q Datasheet(HTML) 6 Page - Taiyo Yuden (U.S.A.), Inc

Back Button D6HQ2G655DP01-Q Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc D6HQ2G655DP01-Q Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc D6HQ2G655DP01-Q Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc D6HQ2G655DP01-Q Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc D6HQ2G655DP01-Q Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc D6HQ2G655DP01-Q Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc D6HQ2G655DP01-Q Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc D6HQ2G655DP01-Q Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc D6HQ2G655DP01-Q Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MSL1
Customer Name
Standard
System
Band 7 Duplexer
Date
Jul. 30, 2015
Part Number
D6HQ2G655DP01
Ver.5.1deE
Final
Pb-free
Pb
* Pb Free Part
0.75
0.45
0.45
0.14
0.35
0.14
0.14
0.20
0.20
0.35
0.63
0.14
0.45
Evaluation Circuit
(*4) Recommended Inductance condition to substitute for TAIYO YUDEN inductor‘HKQ0603W series’ in a circuit simulator.
Recommended foot print pattern
Figure 2. Evaluation Circuit and Recommended foot print pattern
(50Ω)
ANT
2,4,5,7,8
1
6
3
RX
TX
(50Ω)
(50Ω)
GND
HKQ603W3N2B-T
(L=3.2 nH)(*4)
Common GND
External appearance in
Chip carrier
: Pad pattern
: Resist pattern


Similar Part No. - D6HQ2G655DP01-Q

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
D6HQ2G655DP01 TAIYO-YUDEN-D6HQ2G655DP01 Datasheet
303Kb / 2P
   FBAR/SAW DEVICES for COMMUNICATIONS (FBAR Duplexers)
2022.03.21
More results

Similar Description - D6HQ2G655DP01-Q

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
D6HQ2G655DP03 TAIYO-YUDEN-D6HQ2G655DP03 Datasheet
248Kb / 2P
   FBAR/SAW Devices (FBAR Duplexers)
D6HN2G655BN54 TAIYO-YUDEN-D6HN2G655BN54 Datasheet
244Kb / 2P
   FBAR/SAW Devices (FBAR Duplexers)
D6HP2G655BP11 TAIYO-YUDEN-D6HP2G655BP11 Datasheet
696Kb / 15P
   FBAR/SAW Devices (FBAR Duplexers)
D6HL2G655DL06 TAIYO-YUDEN-D6HL2G655DL06 Datasheet
244Kb / 2P
   FBAR/SAW Devices (FBAR Duplexers)
D6HQ1G962DP35 TAIYO-YUDEN-D6HQ1G962DP35 Datasheet
247Kb / 2P
   FBAR/SAW Devices (FBAR Duplexers)
D6HQ1G962DP39 TAIYO-YUDEN-D6HQ1G962DP39 Datasheet
641Kb / 12P
   FBAR/SAW Devices (FBAR Duplexers)
D6HQ2G655DP02 TAIYO-YUDEN-D6HQ2G655DP02 Datasheet
248Kb / 2P
   FBAR/SAW Devices (FBAR Duplexers)
FSWCSR8H2G65DP01 TAIYO-YUDEN-FSWCSR8H2G65DP01 Datasheet
303Kb / 2P
   FBAR/SAW DEVICES for COMMUNICATIONS (FBAR Duplexers)
2022.03.21
D5DA876M5K2P6 TAIYO-YUDEN-D5DA876M5K2P6 Datasheet
748Kb / 12P
   FBAR/SAW Devices (SAW Duplexers)
D6DA2G132K2D9 TAIYO-YUDEN-D6DA2G132K2D9 Datasheet
632Kb / 11P
   FBAR/SAW Devices (SAW Duplexers)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com