Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D6DA1G842K2C4-Y Datasheet(PDF) 3 Page - Taiyo Yuden (U.S.A.), Inc

Part # D6DA1G842K2C4-Y
Description  FBAR/SAW Devices (SAW Duplexers)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

D6DA1G842K2C4-Y Datasheet(HTML) 3 Page - Taiyo Yuden (U.S.A.), Inc

  D6DA1G842K2C4-Y Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc D6DA1G842K2C4-Y Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc D6DA1G842K2C4-Y Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc D6DA1G842K2C4-Y Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc D6DA1G842K2C4-Y Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc D6DA1G842K2C4-Y Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc D6DA1G842K2C4-Y Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc D6DA1G842K2C4-Y Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc D6DA1G842K2C4-Y Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Customer Name
Standard
System
Band 3 Duplexer
Date
May 31, 2016
Part Number
D6DA1G842K2C4
Version 7.1ffC
Final
Pb-free
Pb
* Pb Free Part
MSL1
Dimensions
Pin assignment
Pin No.
Pin name
Description
1
Rx
Receiver
2
GND
Ground
3
Tx
Transmitter
4
GND
Ground
5
GND
Ground
6
ANT
Antenna
7
GND
Ground
8
GND
Ground
Figure 1. Dimensions and Pin assignment
< Top View >
< Side View >
< Bottom View >
Unit: mm
0.42mm
0.6mm Max


Similar Part No. - D6DA1G842K2C4-Y

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
D6DA1G842K2C4 TAIYO-YUDEN-D6DA1G842K2C4 Datasheet
303Kb / 2P
   FBAR/SAW DEVICES for COMMUNICATIONS (SAW Duplexers)
2022.03.21
More results

Similar Description - D6DA1G842K2C4-Y

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
D5DA876M5K2P6 TAIYO-YUDEN-D5DA876M5K2P6 Datasheet
748Kb / 12P
   FBAR/SAW Devices (SAW Duplexers)
D6DA2G132K2D9 TAIYO-YUDEN-D6DA2G132K2D9 Datasheet
632Kb / 11P
   FBAR/SAW Devices (SAW Duplexers)
D5DA942M5K2G6 TAIYO-YUDEN-D5DA942M5K2G6 Datasheet
247Kb / 2P
   FBAR/SAW Devices (SAW Duplexers)
D5DA942M5K2S2 TAIYO-YUDEN-D5DA942M5K2S2 Datasheet
740Kb / 12P
   FBAR/SAW Devices (SAW Duplexers)
D6RB1G960E1HB TAIYO-YUDEN-D6RB1G960E1HB Datasheet
245Kb / 2P
   FBAR/SAW Devices (SAW Duplexers)
D5FC773M0K3NC TAIYO-YUDEN-D5FC773M0K3NC Datasheet
248Kb / 2P
   FBAR/SAW Devices (SAW Duplexers)
D6DA1G503K2Y1 TAIYO-YUDEN-D6DA1G503K2Y1 Datasheet
248Kb / 2P
   FBAR/SAW Devices (SAW Duplexers)
D5DA793M0K2K2 TAIYO-YUDEN-D5DA793M0K2K2 Datasheet
248Kb / 2P
   FBAR/SAW Devices (SAW Duplexers)
D6DA2G155K2T2 TAIYO-YUDEN-D6DA2G155K2T2 Datasheet
248Kb / 2P
   FBAR/SAW Devices (SAW Duplexers)
D6HQ2G655DP03 TAIYO-YUDEN-D6HQ2G655DP03 Datasheet
248Kb / 2P
   FBAR/SAW Devices (FBAR Duplexers)
D6RB2G140E1AL TAIYO-YUDEN-D6RB2G140E1AL Datasheet
245Kb / 2P
   FBAR/SAW Devices (SAW Duplexers)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com