Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMC4108-Q48x64 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # XMC4108-Q48x64
Description  Microcontroller Series for Industrial Applications
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XMC4108-Q48x64 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button XMC4108-Q48x64 Datasheet HTML 7Page - Infineon Technologies AG XMC4108-Q48x64 Datasheet HTML 8Page - Infineon Technologies AG XMC4108-Q48x64 Datasheet HTML 9Page - Infineon Technologies AG XMC4108-Q48x64 Datasheet HTML 10Page - Infineon Technologies AG XMC4108-Q48x64 Datasheet HTML 11Page - Infineon Technologies AG XMC4108-Q48x64 Datasheet HTML 12Page - Infineon Technologies AG XMC4108-Q48x64 Datasheet HTML 13Page - Infineon Technologies AG XMC4108-Q48x64 Datasheet HTML 14Page - Infineon Technologies AG XMC4108-Q48x64 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
XMC4100 / XMC4200
XMC4000 Family
Summary of Features
Data Sheet
11
V1.3, 2015-10
1.1
Ordering Information
The ordering code for an Infineon microcontroller provides an exact reference to a
specific product. The code “XMC4<DDD>-<Z><PPP><T><FFFF>” identifies:
<DDD> the derivatives function set
<Z> the package variant
–E: LFBGA
– F: LQFP, TQFP
–Q: VQFN
<PPP> package pin count
<T> the temperature range:
– F: -40°C to 85°C
– K: -40°C to 125°C
<FFFF> the Flash memory size.
For ordering codes for the XMC4[12]00 please contact your sales representative or local
distributor.
This document describes several derivatives of the XMC4100 and XMC4200 series,
some descriptions may not apply to a specific product. Please see Table 1.
For simplicity the term XMC4[12]00 is used for all derivatives throughout this document.
1.2
Device Types
These device types are available and can be ordered through Infineon’s direct and/or
distribution channels.
Table 1
Synopsis of XMC4[12]00 Device Types
Derivative
1)
1) x is a placeholder for the supported temperature range.
Package
Flash Kbytes
SRAM Kbytes
XMC4200-F64x256
PG-yQFP-64
2)
2) y is a placeholder for the QFP package variant, LQFP or TQFP depending on the stepping, see Section 1.3.
256
40
XMC4200-Q48x256
PG-VQFN-48
256
40
XMC4100-F64x128
PG-yQFP-64
2)
128
20
XMC4100-Q48x128
PG-VQFN-48
128
20
XMC4104-F64x64
PG-yQFP-64
2)
64
20
XMC4104-Q48x64
PG-VQFN-48
64
20
XMC4104-F64x128
PG-yQFP-64
2)
128
20
XMC4104-Q48x128
PG-VQFN-48
128
20
XMC4108-F64x64
PG-yQFP-64
2)
64
20
XMC4108-Q48x64
PG-VQFN-48
64
20
Subject to Agreement on the Use of Product Information


Similar Part No. - XMC4108-Q48x64

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC4108-Q48X64 INFINEON-XMC4108-Q48X64 Datasheet
2Mb / 93P
   ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
More results

Similar Description - XMC4108-Q48x64

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC4700 INFINEON-XMC4700 Datasheet
1Mb / 130P
   Microcontroller Series for Industrial Applications
V0.7 2015-10
XMC1400 INFINEON-XMC1400 Datasheet
1Mb / 88P
   Microcontroller Series for Industrial Applications
V1.2 2016-08
XMC1100AB INFINEON-XMC1100AB Datasheet
1Mb / 68P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4400 INFINEON-XMC4400 Datasheet
1Mb / 103P
   Microcontroller Series for Industrial Applications
V1.2 2015-12
XMC1400AA INFINEON-XMC1400AA Datasheet
3Mb / 91P
   Microcontroller Series for Industrial Applications
V1.4 2017-11
XMC1300AB INFINEON-XMC1300AB Datasheet
1Mb / 78P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4500 INFINEON-XMC4500_16 Datasheet
1Mb / 123P
   Microcontroller Series for Industrial Applications
V1.4 2016-01
XMC4300 INFINEON-XMC4300 Datasheet
1Mb / 102P
   Microcontroller Series for Industrial Applications
V1.0 2016-02
XMC1200AB INFINEON-XMC1200AB Datasheet
1Mb / 76P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4500 INFINEON-XMC4500 Datasheet
1Mb / 112P
   Microcontroller Series for Industrial Applications
V1.0 2013-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com