Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMC4100 Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # XMC4100
Description  Microcontroller Series for Industrial Applications
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XMC4100 Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button XMC4100 Datasheet HTML 49Page - Infineon Technologies AG XMC4100 Datasheet HTML 50Page - Infineon Technologies AG XMC4100 Datasheet HTML 51Page - Infineon Technologies AG XMC4100 Datasheet HTML 52Page - Infineon Technologies AG XMC4100 Datasheet HTML 53Page - Infineon Technologies AG XMC4100 Datasheet HTML 54Page - Infineon Technologies AG XMC4100 Datasheet HTML 55Page - Infineon Technologies AG XMC4100 Datasheet HTML 56Page - Infineon Technologies AG XMC4100 Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 94 page
background image
XMC4100 / XMC4200
XMC4000 Family
Electrical Parameters
Data Sheet
53
V1.3, 2015-10
CSG Output Jitter
D
CSG
CC
––
1clk
Bias startup time
t
start CC
98
us
Bias supply current
I
DDbias
CC
––
400
μA
CSGy startup time
t
CSGS
CC
––
2
μs
Input operation current
1)
I
DDCIN
CC
-10
33
μASee Figure 19
High Speed Mode
DAC output voltage range
V
DOUT
CC
V
SS
V
DDP
V
DAC propagation delay -
Full scale
t
FShs
CC
80
ns
See Figure 20
Input Selector propagation
delay - Full scale
t
Dhs CC
100
ns
See Figure 20
Comparator bandwidth
t
Dhs CC
20
ns
DAC CLK frequency
f
clk
SR
30
MHz
Supply current
I
DDhs
CC
––
940
μA
Low Speed Mode
DAC output voltage range
V
DOUT
CC
0.1
×
V
DDP
2)
V
DDP
V
DAC propagation delay -
Full Scale
t
FSls CC
160
ns
See Figure 20
Input Selector propagation
delay - Full Scale
t
Dls
CC –
200
ns
See Figure 20
Comparator bandwidth
t
Dls
CC 20
ns
DAC CLK frequency
f
clk
SR
30
MHz
Supply current
I
DDls
CC
––
300
μA
1) Typical input resistance
R
CIN = 100kOhm.
2) The INL error increases for DAC output voltages below this limit.
Table 30
CMP and 10-bit DAC characteristics (Operating Conditions apply)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Subject to Agreement on the Use of Product Information


Similar Part No. - XMC4100

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC4100 INFINEON-XMC4100 Datasheet
2Mb / 93P
   ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
XMC4100-F64X128 INFINEON-XMC4100-F64X128 Datasheet
2Mb / 93P
   ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
XMC4100-Q48X128 INFINEON-XMC4100-Q48X128 Datasheet
2Mb / 93P
   ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
XMC4100 INFINEON-XMC4100_V01 Datasheet
2Mb / 93P
   ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
More results

Similar Description - XMC4100

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC4700 INFINEON-XMC4700 Datasheet
1Mb / 130P
   Microcontroller Series for Industrial Applications
V0.7 2015-10
XMC1400 INFINEON-XMC1400 Datasheet
1Mb / 88P
   Microcontroller Series for Industrial Applications
V1.2 2016-08
XMC1100AB INFINEON-XMC1100AB Datasheet
1Mb / 68P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4400 INFINEON-XMC4400 Datasheet
1Mb / 103P
   Microcontroller Series for Industrial Applications
V1.2 2015-12
XMC1400AA INFINEON-XMC1400AA Datasheet
3Mb / 91P
   Microcontroller Series for Industrial Applications
V1.4 2017-11
XMC1300AB INFINEON-XMC1300AB Datasheet
1Mb / 78P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4500 INFINEON-XMC4500_16 Datasheet
1Mb / 123P
   Microcontroller Series for Industrial Applications
V1.4 2016-01
XMC4300 INFINEON-XMC4300 Datasheet
1Mb / 102P
   Microcontroller Series for Industrial Applications
V1.0 2016-02
XMC1200AB INFINEON-XMC1200AB Datasheet
1Mb / 76P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4500 INFINEON-XMC4500 Datasheet
1Mb / 112P
   Microcontroller Series for Industrial Applications
V1.0 2013-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com