Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMC4700-F144x1536 Datasheet(PDF) 85 Page - Infineon Technologies AG

Part # XMC4700-F144x1536
Description  Microcontroller Series for Industrial Applications
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XMC4700-F144x1536 Datasheet(HTML) 85 Page - Infineon Technologies AG

Back Button XMC4700-F144x1536 Datasheet HTML 81Page - Infineon Technologies AG XMC4700-F144x1536 Datasheet HTML 82Page - Infineon Technologies AG XMC4700-F144x1536 Datasheet HTML 83Page - Infineon Technologies AG XMC4700-F144x1536 Datasheet HTML 84Page - Infineon Technologies AG XMC4700-F144x1536 Datasheet HTML 85Page - Infineon Technologies AG XMC4700-F144x1536 Datasheet HTML 86Page - Infineon Technologies AG XMC4700-F144x1536 Datasheet HTML 87Page - Infineon Technologies AG XMC4700-F144x1536 Datasheet HTML 88Page - Infineon Technologies AG XMC4700-F144x1536 Datasheet HTML 89Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 130 page
background image
XMC4700 / XMC4800
XMC4000 Family
Electrical Parameters
Preliminary
Data Sheet
85
V0.7, 2015-10
3.3.9
Peripheral Timing
3.3.9.1
Delta-Sigma Demodulator Digital Interface Timing
The following parameters are applicable for the digital interface of the Delta-Sigma
Demodulator (DSD).
The data timing is relative to the active clock edge. Depending on the operation mode of
the connected modulator that can be the rising and falling clock edge.
Note: These parameters are not subject to production test, but verified by design and/or
characterization.
Table 43
DSD Interface Timing Parameters
Parameter
Symbol
Values
Unit Note /
Test Condition
Min.
Typ.
Max.
MCLK period in master
mode
t
1
CC 33.3
ns
t
1 ≥ 4x tPERIPH
1)
1)
t
PERIPH =1 / fPERIPH
MCLK high time in master
mode
t
2
CC 9
ns
t
2 > tPERIPH
1)
MCLK low time in master
mode
t
3
CC 9
ns
t
3 > tPERIPH
1)
MCLK period in slave
mode
t
1
SR
33.3
ns
t
1 ≥ 4x tPERIPH
1)
MCLK high time in slave
mode
t
2
SR
t
PERIPH
––
ns
1)
MCLK low time in slave
mode
t
3
SR
t
PERIPH
––
ns
1)
DIN input setup time to the
active clock edge
t
4
SR
t
PERIPH
+4
––
ns
1)
DIN input hold time from
the active clock edge
t
5
SR
t
PERIPH
+3
––
ns
1)
Subject to Agreement on the Use of Product Information


Similar Part No. - XMC4700-F144x1536

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC4700-E196K2048 INFINEON-XMC4700-E196K2048 Datasheet
268Kb / 2P
   Sense2GoL pulse development kit
12 / 2019
More results

Similar Description - XMC4700-F144x1536

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC1400 INFINEON-XMC1400 Datasheet
1Mb / 88P
   Microcontroller Series for Industrial Applications
V1.2 2016-08
XMC1100AB INFINEON-XMC1100AB Datasheet
1Mb / 68P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4400 INFINEON-XMC4400 Datasheet
1Mb / 103P
   Microcontroller Series for Industrial Applications
V1.2 2015-12
XMC4100 INFINEON-XMC4100 Datasheet
1Mb / 94P
   Microcontroller Series for Industrial Applications
V1.3 2015-10
XMC1400AA INFINEON-XMC1400AA Datasheet
3Mb / 91P
   Microcontroller Series for Industrial Applications
V1.4 2017-11
XMC1300AB INFINEON-XMC1300AB Datasheet
1Mb / 78P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4500 INFINEON-XMC4500_16 Datasheet
1Mb / 123P
   Microcontroller Series for Industrial Applications
V1.4 2016-01
XMC4300 INFINEON-XMC4300 Datasheet
1Mb / 102P
   Microcontroller Series for Industrial Applications
V1.0 2016-02
XMC1200AB INFINEON-XMC1200AB Datasheet
1Mb / 76P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4500 INFINEON-XMC4500 Datasheet
1Mb / 112P
   Microcontroller Series for Industrial Applications
V1.0 2013-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com