Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC3610C Datasheet(PDF) 8 Page - Silan Microelectronics Joint-stock

Part # SC3610C
Description  FREQUENCY AND CLOCK DISPLAY DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3610C Datasheet(HTML) 8 Page - Silan Microelectronics Joint-stock

Back Button SC3610C Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3610C Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3610C Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3610C Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3610C Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3610C Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC3610C Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC3610C Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC3610C Datasheet HTML 12Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Silan
Semiconductors
SC3610
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
8
(Continued)
Pin
Function
LCD Mapping
11
SEG7
AM
DIG3-c
DIG3-b
12
SEG8
DIG3-d
DIG3-g
DIG3-a
13
SEG9
--
DIG3-e
DIG3-f
14
SEG10
FM
DIG4-c
DIG4-b
15
SEG11
DIG4-d
DIG4-g
DIG4-a
16
SEG12
PM
DIG34-e
DIG4-f
PIN16
COL
PIN1
DP2
DP1
S1
a
b
c
d
e
f
g
21
3
4
LCD TIMING WAVEFORMS
VDD
VLCD 2/3
VLCD
VLCD 1/3
VDD
VLCD 2/3
VLCD
VLCD 1/3
VDD
VLCD 2/3
VLCD
VLCD 1/3
VDD
VLCD 2/3
VLCD
VLCD 1/3
SEGX.
COM1
ON
SEGX.
COM2
ON
SEGX.
COM3
ON
SEGX.
COM1
ON
SEGX.
COM2
ON
SEGX.
COM3
ON
SEGX.
COM3
COM2
COM1
One Cycle
One Cycle


Similar Part No. - SC3610C

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC3610C FUMAN-SC3610C Datasheet
498Kb / 12P
   AM/FM frequency and clock display drive circuit
More results

Similar Description - SC3610C

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC3610 FUMAN-SC3610 Datasheet
498Kb / 12P
   AM/FM frequency and clock display drive circuit
logo
NEC
UPD2813C NEC-UPD2813C Datasheet
496Kb / 6P
   Clock And Radio Frequency Counter/Display Circuit CMOS LSI
logo
Silan Microelectronics ...
SC9638FP SILAN-SC9638FP Datasheet
833Kb / 13P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
SC9638EP SILAN-SC9638EP Datasheet
859Kb / 13P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
SC9697 SILAN-SC9697 Datasheet
303Kb / 9P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
logo
Integrated Device Techn...
ICS97U870AKIT IDT-ICS97U870AKIT Datasheet
198Kb / 13P
   1.8V Wide Range Frequency Clock Driver
97U877AHLF IDT-97U877AHLF Datasheet
646Kb / 13P
   1.8V Wide Range Frequency Clock Driver
logo
Integrated Circuit Syst...
ICS93V857YL-025T ICST-ICS93V857YL-025T Datasheet
82Kb / 10P
   2.5V Wide Range Frequency Clock Driver
ICS97U877AHLF ICST-ICS97U877AHLF Datasheet
218Kb / 13P
   1.8V Wide Range Frequency Clock Driver
ICS97U877 ICST-ICS97U877 Datasheet
129Kb / 13P
   1.8V Wide Range Frequency Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com