Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRM48JF480M500A00 Datasheet(PDF) 5 Page - Vicor Corporation

Part # PRM48JF480M500A00
Description  Regulator for Post PFC Operation
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PRM48JF480M500A00 Datasheet(HTML) 5 Page - Vicor Corporation

  PRM48JF480M500A00 Datasheet HTML 1Page - Vicor Corporation PRM48JF480M500A00 Datasheet HTML 2Page - Vicor Corporation PRM48JF480M500A00 Datasheet HTML 3Page - Vicor Corporation PRM48JF480M500A00 Datasheet HTML 4Page - Vicor Corporation PRM48JF480M500A00 Datasheet HTML 5Page - Vicor Corporation PRM48JF480M500A00 Datasheet HTML 6Page - Vicor Corporation PRM48JF480M500A00 Datasheet HTML 7Page - Vicor Corporation PRM48JF480M500A00 Datasheet HTML 8Page - Vicor Corporation PRM48JF480M500A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
Rev 1.2
PRMTM Regulator
Page 5 of 46
11/2015
vicorpower.com
800 927.9474
Device
Input Voltage
Range
Package Type
Output Voltage x 10
Temperature Grade
Output Power
Revision
Version
PRM
48J
F
480
T
500
A
00
PRM = PRM
48J = 45.0 V - 55.0 V
F = Full VIC SMD
480 = 48.0 V
T = -40 to 125°C
500 = 500 WA
00 = AL / RS
T = Full VIC TH
M = -55 to 125°C
Part Ordering Information
Part Number
VIN
Package Type
VOUT
Temperature
Power
Version
PRM48JF480T500A00
45.0 V - 55.0 V
Full VIC
48.0 V
-40 to 125°C
500 W
AL / RS
PRM48JF480M500A00
SMD
(20.0 V to 55.0 V)
-55 to 125°C
(Pin Selectable)
PRM48JT480T500A00
45.0 V - 55.0 V
Full VIC
48.0 V
-40 to 125°C
500 W
AL / RS
PRM48JT480M500A00
TH
(20.0 V to 55.0 V)
-55 to 125°C
(Pin Selectable)
Standard Models
Parameter
Comments
Min
Max
Unit
SHARE / CONTROL NODE
-0.3
10.5
V
+/-10
mA
ENABLE
-0.3
5.5
V
+/-10
mA
+IN to –IN
Continuous, non-operating
-1
80
V
100 ms, non-Operating
100
V
VAUX
-0.5
10.5
V
+/-100
mA
SGND
+/-100
mA
IFB
-0.5
5.7
V
-0.3
3.6
V
REF / REF _EN
Remote Sense Operation (REF _EN)
10
mA
Adaptive Loop Operation (REF)
3.4
mA
TRIM
-0.3
3.6
V
AL
-0.3
3.6
V
VT
-0.3
4.8
V
VC to –OUT
-0.5
18
V
+/-1.8
A
+OUT to –OUT
-1
62
V
Output Current
14.5
A
Internal Operating
T Grade
-40
125
°C
Temperature
M Grade
-55
125
°C
Storage
T Grade
-40
125
°C
Temperature
M Grade
-65
125
°C
Absolute Maximum Ratings
The ABSOLUTE MAXIMUM ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause permanent damage to device.
Electrical specifications do not apply when operating beyond rated operating conditions. Operating beyond rated operating conditions for extended period of
time may affect device reliability. All voltages are specified relative to SGND unless otherwise noted. Positive pin current represents current flowing
out of the pin.
PRM48Jy480x500A00


Similar Part No. - PRM48JF480M500A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48JF480M500A00 VICOR-PRM48JF480M500A00 Datasheet
2Mb / 46P
   High Efficiency Converter
More results

Similar Description - PRM48JF480M500A00

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS208D1 INFINEON-TLS208D1_15 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS208D1 INFINEON-TLS208D1 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS205B0 INFINEON-TLS205B0 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS203B0 INFINEON-TLS203B0_15 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS205B0EJV50 INFINEON-TLS205B0EJV50_15 Datasheet
2Mb / 25P
   Linear Voltage Post Regulator
Rev. 1.1, 2015-01-15
TLS205B0 INFINEON-TLS205B0_15 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS203B0 INFINEON-TLS203B0 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
logo
Allegro MicroSystems
A3260 ALLEGRO-A3260 Datasheet
859Kb / 10P
   Internal Current Regulator for 2-Wire Operation
logo
Texas Instruments
UC1584 TI-UC1584 Datasheet
153Kb / 7P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com