Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBM6123T60E12A7T00 Datasheet(PDF) 1 Page - Vicor Corporation

Part # NBM6123T60E12A7T00
Description  Non-Isolated, Fixed Ratio DC-DC Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

NBM6123T60E12A7T00 Datasheet(HTML) 1 Page - Vicor Corporation

  NBM6123T60E12A7T00 Datasheet HTML 1Page - Vicor Corporation NBM6123T60E12A7T00 Datasheet HTML 2Page - Vicor Corporation NBM6123T60E12A7T00 Datasheet HTML 3Page - Vicor Corporation NBM6123T60E12A7T00 Datasheet HTML 4Page - Vicor Corporation NBM6123T60E12A7T00 Datasheet HTML 5Page - Vicor Corporation NBM6123T60E12A7T00 Datasheet HTML 6Page - Vicor Corporation NBM6123T60E12A7T00 Datasheet HTML 7Page - Vicor Corporation NBM6123T60E12A7T00 Datasheet HTML 8Page - Vicor Corporation NBM6123T60E12A7T00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
NBM™ Bus Converter
Rev 1.4
vicorpower.com
Page 1 of 26
09/2016
800 927.9474
NBMBus Converter
Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123x60E12A7yzz
C
US
®
S
NRTL
CUS
Features
Up to 170A continuous secondary current
Up to 3000W/in3 power density
Parallel operation for multi-kW arrays
OV, OC, UV, short circuit and thermal protection
6123 through-hole ChiP package
n
2.402” x 0.990” x 0.286”
(61.00mm x 25.14mm x 7.26mm)
Typical Applications
DC Power Distribution
High End Computing Systems
Automated Test Equipment
Industrial Systems
High Density Power Supplies
Communications Systems
Transportation
Product Description
The NBM6123x60E12A7yzz Non-Isolated Bus Converter (NBM™)
is a high efficiency Sine Amplitude Converter™ (SAC™), operating
from a 36 to 60VDC primary bus to deliver a non-isolated,
ratiometric secondary voltage from 7.2 to 12.0VDC.
The NBM6123x60E12A7yzz offers low noise, fast transient
response, and industry leading efficiency and power density. In
addition, it provides an AC impedance beyond the bandwidth of
most downstream regulators, allowing input capacitance normally
located at the input of a POL regulator to be located at the primary
side of the NBM module. With a primary to secondary K factor
of 1/5, that capacitance value can be reduced by a factor of 25x,
resulting in savings of board area, material and total system cost.
Leveraging the thermal and density benefits of Vicor’s ChiP
ackaging technology, the NBM module offers flexible thermal
management options with very low top and bottom side thermal
impedances. Thermally-adept ChiP-based power components,
enable customers to achieve low cost power system solutions
with previously unattainable system size, weight and efficiency
attributes, quickly and predictably.
The NBM non-isolated topology allows operation in forward and
reverse directions and provides bidirectional protections. However
if power train is disabled by any protection, and VSEC is present,
then voltage equal to VSEC minus two diode drops will appear on
primary side.
Product Ratings
VPRI = 54V (36 – 60V)
ISEC= up to 170A
VSEC = 10.8V (7.2 – 12.0V)
(no load)
K = 1/5


Similar Part No. - NBM6123T60E12A7T00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM6123T60E12A7T00 VICOR-NBM6123T60E12A7T00 Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
More results

Similar Description - NBM6123T60E12A7T00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM3814X60E12A7YZZ VICOR-NBM3814X60E12A7YZZ Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM2317S60E1560T0R VICOR-NBM2317S60E1560T0R Datasheet
932Kb / 31P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123T46C15A6T0R VICOR-NBM6123T46C15A6T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814X46C15A6YZZ VICOR-NBM3814X46C15A6YZZ Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM3814B60E12A7C00 VICOR-NBM3814B60E12A7C00 Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM6123T60E12A7T0R VICOR-NBM6123T60E12A7T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814B46C15A6C00 VICOR-NBM3814B46C15A6C00 Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM6123X46C15A6YZZ VICOR-NBM6123X46C15A6YZZ Datasheet
875Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com