Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBM3814B46C15A6C08 Datasheet(PDF) 9 Page - Vicor Corporation

Part # NBM3814B46C15A6C08
Description  Non-Isolated, Fixed-Ratio DC-DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

NBM3814B46C15A6C08 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button NBM3814B46C15A6C08 Datasheet HTML 5Page - Vicor Corporation NBM3814B46C15A6C08 Datasheet HTML 6Page - Vicor Corporation NBM3814B46C15A6C08 Datasheet HTML 7Page - Vicor Corporation NBM3814B46C15A6C08 Datasheet HTML 8Page - Vicor Corporation NBM3814B46C15A6C08 Datasheet HTML 9Page - Vicor Corporation NBM3814B46C15A6C08 Datasheet HTML 10Page - Vicor Corporation NBM3814B46C15A6C08 Datasheet HTML 11Page - Vicor Corporation NBM3814B46C15A6C08 Datasheet HTML 12Page - Vicor Corporation NBM3814B46C15A6C08 Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
NBMin a VIA Package
Rev 1.1
vicorpower.com
Page 9 of 23
05/2016
800 927.9474
NBM3814x46C15A6yzz
HI Side Voltage (V)
I
LO_OUT_DC
I
LO_OUT_PULSE
0
20
40
60
80
100
120
140
160
180
200
36
37
38
39
40
41
42
43
44
45
46
HI Side Voltage (V)
P
LO_OUT_DC
P
LO_OUT_PULSE
0
300
600
900
1200
1500
1800
2100
2400
2700
3000
36
37
38
39
40
41
42
43
44
45
46
Figure 1 — Specified thermal operating area
Figure 2 — Specified electrical operating area using rated RLO_HOT
LO Side Current (% I
LO_OUT_DC)
0
10
20
30
40
50
60
70
80
90
100
110
0
20
40
60
80
100
Case Temperature (°C)
36 – 46V
0
20
40
60
80
100
120
140
160
180
200
-60
-40
-20
0
20
40
60
80
100
120
Figure 3 — Specified HI side start-up into load current and external capacitance
1. The NBM in a VIA Package is cooled through bottom case (bottom housing).
2. The thermal rating of the NBM in a VIA Package is based on typical measured device efficiency.
3. The case temperature in the graph is the measured temperature of the bottom housing, such that operating internal junction temperature of the NBM in a
VIA Package does not exceed 125°C.


Similar Part No. - NBM3814B46C15A6C08

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM3814B46C15A6C08 VICOR-NBM3814B46C15A6C08 Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
More results

Similar Description - NBM3814B46C15A6C08

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM3814X60E12A7YZZ VICOR-NBM3814X60E12A7YZZ Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM2317S60E1560T0R VICOR-NBM2317S60E1560T0R Datasheet
932Kb / 31P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123X60E12A7YZZ VICOR-NBM6123X60E12A7YZZ Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123T46C15A6T0R VICOR-NBM6123T46C15A6T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814B60E12A7C00 VICOR-NBM3814B60E12A7C00 Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM6123T60E12A7T0R VICOR-NBM6123T60E12A7T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814B46C15A6C00 VICOR-NBM3814B46C15A6C00 Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM6123X46C15A6YZZ VICOR-NBM6123X46C15A6YZZ Datasheet
875Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com