Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBM3814V46C15A6C04 Datasheet(PDF) 1 Page - Vicor Corporation

Part # NBM3814V46C15A6C04
Description  Non-Isolated, Fixed-Ratio DC-DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

NBM3814V46C15A6C04 Datasheet(HTML) 1 Page - Vicor Corporation

  NBM3814V46C15A6C04 Datasheet HTML 1Page - Vicor Corporation NBM3814V46C15A6C04 Datasheet HTML 2Page - Vicor Corporation NBM3814V46C15A6C04 Datasheet HTML 3Page - Vicor Corporation NBM3814V46C15A6C04 Datasheet HTML 4Page - Vicor Corporation NBM3814V46C15A6C04 Datasheet HTML 5Page - Vicor Corporation NBM3814V46C15A6C04 Datasheet HTML 6Page - Vicor Corporation NBM3814V46C15A6C04 Datasheet HTML 7Page - Vicor Corporation NBM3814V46C15A6C04 Datasheet HTML 8Page - Vicor Corporation NBM3814V46C15A6C04 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
NBMin a VIA Package
Rev 1.1
vicorpower.com
Page 1 of 23
05/2016
800 927.9474
NBMin a VIA Package
Bus Converter
Non-Isolated, Fixed-Ratio DC-DC Converter
NBM3814x46C15A6yzz
Features & Benefits
Up to 160A continuous low voltage side current
Fixed transformation ratio(K) of 1/3
Up to 1258 W/in3 power density
97.9% peak efficiency
Bidirectional operation capability
Integrated ceramic capacitance filtering
Parallel operation for multi-kW arrays
OV, OC, UV, short circuit and thermal protection
3814 package
High MTBF
Thermally enhanced VIA™ package
Typical Applications
DC Power Distribution
Information and Communication
Technology (ICT) Equipment
High End Computing Systems
Automated Test Equipment
Industrial Systems
High Density
Energy Systems
Transportation
Product Description
The NBM in a VIA package is a high efficiency Bus Converter,
operating from a 36 to 46VDC high voltage bus to deliver a non-
isolated 12 to 15.3VDC unregulated, low voltage.
This unique ultra-low profile module incorporates DC-DC
conversion, integrated filtering in a chassis or PCB mount
form factor.
The NBM offers low noise, fast transient response and industry
leading efficiency and power density.
Leveraging the thermal and density benefits of Vicor’s VIA
packaging technology, the NBM module offers flexible thermal
management options with very low top and bottom side thermal
impedances.
When combined with downstream Vicor DC-DC conversion
components and regulators, the NBM allows the Power Design
Engineer to employ a simple, low-profile design which will
differentiate the end system without compromising on cost or
performance metrics.
The NBM non-isolated topology allows start up and steady
state operation in forward and reverse directions. It provides
bidirectional protections. However if power train is disabled by any
protection, and VLO is present, then voltage equal to VLO minus two
diode drops will appear on high voltage side.
Size:
3.76 x 1.40 x 0.37 in
95.59 x 35.54 x 9.40 mm
Part Ordering Information
Product Ratings
VHI = 42V (36 – 46V)
ILO = up to 160A
VLO = 14V (12 – 15.3V)
(no load)
K = 1/3
[1] High Temperature Current Derating may apply; See Figure 1, specified thermal operating area.
Product
Function
Package
Length
Package
Width
Package
Type
Max
High
Side
Voltage
High
Side
Voltage
Range
Ratio
Max
Low
Side
Voltage
Max
Low
Side
Current
Product Grade
(Case Temperature)
Option Field
NBM
38
14
x
46
C
15
A6
y
zz
NBM =
Non-Isolated
Bus Converter
Module
Length in
Inches x 10
Width in
Inches x 10
B = Board VIA
V = Chassis VIA
Internal Reference
C = -20 to 100°C[1]
T = -40 to 100°C[1]
00 = Chassis/Always On
04 = Short Pin/Always On
08 = Long Pin/Always On


Similar Part No. - NBM3814V46C15A6C04

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM3814V46C15A6C04 VICOR-NBM3814V46C15A6C04 Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
More results

Similar Description - NBM3814V46C15A6C04

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM3814X60E12A7YZZ VICOR-NBM3814X60E12A7YZZ Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM2317S60E1560T0R VICOR-NBM2317S60E1560T0R Datasheet
932Kb / 31P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123X60E12A7YZZ VICOR-NBM6123X60E12A7YZZ Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123T46C15A6T0R VICOR-NBM6123T46C15A6T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814B60E12A7C00 VICOR-NBM3814B60E12A7C00 Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM6123T60E12A7T0R VICOR-NBM6123T60E12A7T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814B46C15A6C00 VICOR-NBM3814B46C15A6C00 Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM6123X46C15A6YZZ VICOR-NBM6123X46C15A6YZZ Datasheet
875Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com