Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB0XE120T32XX-XX Datasheet(PDF) 11 Page - Vicor Corporation

Part # IB0XE120T32XX-XX
Description  4:1 Intermediate Bus Converter Module: Up to 300W Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB0XE120T32XX-XX Datasheet(HTML) 11 Page - Vicor Corporation

Back Button IB0XE120T32XX-XX Datasheet HTML 7Page - Vicor Corporation IB0XE120T32XX-XX Datasheet HTML 8Page - Vicor Corporation IB0XE120T32XX-XX Datasheet HTML 9Page - Vicor Corporation IB0XE120T32XX-XX Datasheet HTML 10Page - Vicor Corporation IB0XE120T32XX-XX Datasheet HTML 11Page - Vicor Corporation IB0XE120T32XX-XX Datasheet HTML 12Page - Vicor Corporation IB0XE120T32XX-XX Datasheet HTML 13Page - Vicor Corporation IB0XE120T32XX-XX Datasheet HTML 14Page - Vicor Corporation IB0XE120T32XX-XX Datasheet HTML 15Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
IBC Module
Rev 1.1
vicorpower.com
Page 11 of 17
09/2016
800 927.9474
IB0xxE120T32xx-xx
Figure 15 — Input transient response;
VIN step low line to high line at full load
Figure 16 — Output ripple; nominal line, full load
Figure 13 — Load transient response, nominal line
Load step 0–25%; 5A/div
Figure 14 — Load transient response; nominal line
Load step 25–0%
Application Characteristics: Waveforms (Cont.)
Figure 17 — Two modules parallel array test. VOUT and IIN
change when one module is disabled. Nominal VIN,
IOUT = 32A
Figure 18 — Two modules parallel array test. VOUT and IIN
change when one module is enabled. Nominal VIN,
IOUT = 32A


Similar Part No. - IB0XE120T32XX-XX

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB0XE120T40XX-XX VICOR-IB0XE120T40XX-XX Datasheet
1Mb / 17P
   4:1 Intermediate Bus Converter Module: Up to 500W Output
More results

Similar Description - IB0XE120T32XX-XX

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB0XXQ120T53XX-XX VICOR-IB0XXQ120T53XX-XX Datasheet
1Mb / 19P
   4:1 Intermediate Bus Converter Module: Up to 650W Output
IB0XE120T40XX-XX VICOR-IB0XE120T40XX-XX Datasheet
1Mb / 17P
   4:1 Intermediate Bus Converter Module: Up to 500W Output
IB048E120T40N1-00 VICOR-IB048E120T40N1-00_14 Datasheet
3Mb / 16P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048E120T32N1-00 VICOR-IB048E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E120T40N1-00 VICOR-IB050E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048Q120T53N1-00 VICOR-IB048Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054E120T32N1-00 VICOR-IB054E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E120T40N1-00 VICOR-IB048E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB054Q120T53N1-00 VICOR-IB054Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054E120T40N1-00 VICOR-IB054E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com