Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOS2182471 Datasheet(PDF) 1 Page - Cree, Inc

Part # AOS2182471
Description  CREE Silicon Carbide MOSFET Evaluation Kit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

AOS2182471 Datasheet(HTML) 1 Page - Cree, Inc

  AOS2182471 Datasheet HTML 1Page - Cree, Inc AOS2182471 Datasheet HTML 2Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREE Silicon Carbide MOSFET Evaluation Kit
KIT8020CRD8FF1217P-1
Features:
Includes all the power stage parts needed to quickly
assemble a CREE MOSFET and diode based power
converter and get started with SiC devices.
Easy to use assembly to evaluate CREE MOSFET and
Diode performance in a half bridge circuit.
Easily configurable to different power conversion
topologies such as Buck or Boost configurations.
Easy access to critical test points for measurement
including VGS, VDS and IDS.
Good layout example for properly driving MOSFET and
diode with minimal ringing.
Gate drive schematic and layout reference for a TO-247
packaged CREE MOSFET.
Comparative testing between CREE devices and IGBTs.
Description:
This Evaluation kit is meant to demonstrate the high performance of all CREE 1200V MOSFETs and CREE
Schottky diodes (SBD) in standard TO-247 package. The kit includes two Cree 80mOhm, 1200V CREE MOSFETs
and two 1200V 20A schottky diodes; a half bridge configured evaluation board that includes isolated gate drivers
and power supplies and all the other components needed to quickly assemble the half bridge power stage . The
basic block diagram and specifications are shown below. The assembly can be easily configured for several
topologies from the basic phase-leg configuration to several other common topologies as shown in the next
section. Additional topologies like H-bridge and 3-phase inverter are possible with two or more of the evaluation
kits.
Evaluation Board details
 900V max.
 10kW /w a cooling fan
 > 300 kHz
 +12V aux supply
 2 input PWM channels
Some assembly Required
1
Subject to change without notice.
www.cree.com


Similar Part No. - AOS2182471

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOSD21307 AOSMD-AOSD21307 Datasheet
336Kb / 5P
   30V Dual P-Channel MOSFET
Rev.1.0: November 2018
AOSD21311C AOSMD-AOSD21311C Datasheet
350Kb / 5P
   30V Dual P-Channel MOSFET
Rev.1.0: May 2019
AOSD21313C AOSMD-AOSD21313C Datasheet
334Kb / 5P
   30V Dual P-Channel MOSFET
Rev.1.1: September 2019
AOSN21319C AOSMD-AOSN21319C Datasheet
312Kb / 5P
   30V P-Channel MOSFET
Rev.1.0: August 2019
AOSP21307 AOSMD-AOSP21307 Datasheet
313Kb / 5P
   30V P-Channel MOSFET
Rev.1.0: October 2017
More results

Similar Description - AOS2182471

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com