Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C7565 Datasheet(PDF) 23 Page - Samsung semiconductor

Part # S3C7565
Description  single-chip CMOS microcontroller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C7565 Datasheet(HTML) 23 Page - Samsung semiconductor

Back Button S3C7565 Datasheet HTML 19Page - Samsung semiconductor S3C7565 Datasheet HTML 20Page - Samsung semiconductor S3C7565 Datasheet HTML 21Page - Samsung semiconductor S3C7565 Datasheet HTML 22Page - Samsung semiconductor S3C7565 Datasheet HTML 23Page - Samsung semiconductor S3C7565 Datasheet HTML 24Page - Samsung semiconductor S3C7565 Datasheet HTML 25Page - Samsung semiconductor S3C7565 Datasheet HTML 26Page - Samsung semiconductor S3C7565 Datasheet HTML 27Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
S3C7565/P7565
ELECTRICAL DATA
16-7
Table 16-6. Input/output Capacitance
(T
A = 25
°C, V
DD = 0 V )
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input
Capacitance
C
IN
f = 1 MHz; Unmeasured pins
are returned to V
SS
15
pF
Output
Capacitance
C
OUT
15
pF
I/O Capacitance
C
IO
15
pF
Table 16-7. Comparator Electrical Characteristics
(T
A = – 40
°C to + 85 °C, V
DD = 4.0 V to 5.5 V, VSS = 0 V)
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Voltage Range
0
V
DD
V
Reference Voltage Range
V
REF
0
V
DD
V
Input Voltage Accuracy
V
CIN
± 150
mV
Input Leakage Current
I
CIN, IREF
– 3
3
µA


Similar Part No. - S3C7565

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7515 SAMSUNG-S3C7515 Datasheet
287Kb / 42P
   The S3C7515/P7515 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47
S3C7524 SAMSUNG-S3C7524 Datasheet
226Kb / 34P
   The S3C7524/C7528/C7534/C7538 single-chip CMOS microcontroller has been designed for high-performance using SAM 47
S3C7528 SAMSUNG-S3C7528 Datasheet
226Kb / 34P
   The S3C7524/C7528/C7534/C7538 single-chip CMOS microcontroller has been designed for high-performance using SAM 47
S3C7534 SAMSUNG-S3C7534 Datasheet
226Kb / 34P
   The S3C7524/C7528/C7534/C7538 single-chip CMOS microcontroller has been designed for high-performance using SAM 47
S3C7538 SAMSUNG-S3C7538 Datasheet
226Kb / 34P
   The S3C7524/C7528/C7534/C7538 single-chip CMOS microcontroller has been designed for high-performance using SAM 47
More results

Similar Description - S3C7565

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C72M9 SAMSUNG-S3C72M9 Datasheet
196Kb / 38P
   single-chip CMOS microcontroller
S3C7559 SAMSUNG-S3C7559 Datasheet
266Kb / 38P
   single-chip CMOS microcontroller
S3P72N5 SAMSUNG-S3P72N5 Datasheet
276Kb / 40P
   single-chip CMOS microcontroller
logo
Advanced Micro Devices
80C321 AMD-80C321 Datasheet
1Mb / 25P
   CMOS SINGLE CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Epson Company
S1C63657 EPSON-S1C63657 Datasheet
96Kb / 6P
   CMOS 4-bit Single Chip Microcontroller
S1C6F016 EPSON-S1C6F016 Datasheet
121Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com