Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RT9230 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. RT9230
Description  1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9230 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RT9230 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9230 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9230 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9230 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9230 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9230 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9230 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9230 Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9230 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT9230
DS9230-03 July 2001
www.richtek-ic.com.tw
1
1.5V Advanced Dual PWM and Dual Linear Power Controller
General Description
The RT9230 is a 4-in-one power controller optimized
for high-performance microprocessor and computer
applications. The IC integrates two PWM controller,
two linear controllers as well as monitoring and
protection functions into a 28-pin SOP package. The
first PWM controller regulates the microprocessor
core voltage with a synchronous buck converter,
while the second PWM controller supplies the
computer system’s AGP 1.5V or 3.3V bus power with
a standard buck converter. The first linear regulator
provides power for the 1.5V GTL bus and the second
linear regulator provides 1.8V power for the
North/South Bridge core voltage and/or cache
memory circuits.
The RT9230 features an Intel-compatible, TTL 5-bit
programmable DAC that adjusts the core voltage
from 2.1V to 3.5V in 0.1V increments and from 1.3V
to 2.05V in 0.05V steps. The 5-bit DAC has a typical
±1% tolerance. The second PWM controller is user-
selectable for output level of 1.5V and 3.3V with
±2.5% accuracy. The linear controllers drives
external N-MOSFET or NPN bipolar for the pass
transistor to provide fixed output voltages of 1.5V
±3% and 1.8V ±3%.
The RT9230 monitors all the output voltages. A
Power -good signal is issued when the core voltage
is within
±10% of the DAC setting and the other
levels
are
above
their
under-voltage
levels.
Additional build-in over-voltage protection for the
core output uses the lower MOSFET to prevent
output voltage above 115% of the DAC setting. The
PWM over-current function monitors the output
current using the voltage drop across the MOSFET’s
RDS(ON), which eliminates the need for a current
sensing resistor.
Ordering Information
RT9230
Features
4-in-one Regulated Voltages for Microprocessor
Core, AGP Bus, North/South Bridge and/or
Cache Memory, GTL Bus Power
Compatible with HIP6020
Power-good Output Voltage Monitor
Switching section
5-bit DAC Programmable from 1.3V to 3.5V
±±±±1% DAC Accuracy
Fast Transient Response
Full 0% to 100% Duty Cycle Driver
Fixed 200kHz Switching Frequency
Adaptive Non-overlapping Gate Driver
Over-current Monitor Uses MOSFET RDS(ON)
Over-voltage Protection Uses Lower MOSFET
Linear Section
Fixed Linear Regulator Output Voltage
MOSFET or NPN Driving Capability
Ultra Fast Response Speed
Under-voltage Protection
Internal Thermal Shutdown
Applications
Full Motherboard Power Regulation for Computer
Low-voltage Distributed Power Supplies
Pin Configurations
Part Number
Pin Configurations
RT9230CS
(Plastic SOP-28)
TOP VIEW
Operating temperature range
C: Commercial standard
Package type
S : SOP-28
1
2
3
4
5
6
7
8
9
10
11
12
17
18
19
20
21
22
23
24
25
26
27
28
13
14
16
15
PHASE2
VID4
VID3
VID2
VID1
VID0
PGOOD
OCSET2
VSEN2
UGATE2
SS
SELECT
FAULT
VSEN4
LGATE1
VCC
UGATE1
PHASE1
PGND
OCSET1
VSEN1
FB1
VSEN3
DRIVE3
GND
NC
VAUX
DRIVE4


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn